Electronic Components Datasheet Search
  English  ▼

X  

BLV92 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV92
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV92 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV92 Datasheet HTML 1Page - NXP Semiconductors BLV92 Datasheet HTML 2Page - NXP Semiconductors BLV92 Datasheet HTML 3Page - NXP Semiconductors BLV92 Datasheet HTML 4Page - NXP Semiconductors BLV92 Datasheet HTML 5Page - NXP Semiconductors BLV92 Datasheet HTML 6Page - NXP Semiconductors BLV92 Datasheet HTML 7Page - NXP Semiconductors BLV92 Datasheet HTML 8Page - NXP Semiconductors BLV92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
March 1993
2
Philips Semiconductors
Product specification
UHF power transistor
BLV92
DESCRIPTION
N-P-N silicon planar epitaxial transistor primarily intended
for use in mobile radio transmitters in the 900 MHz
communications band.
FEATURES
• multi-base structure and emitter-ballasting resistors for
an optimum temperature profile
• internal input matching to achieve an optimum wideband
capability and high power gain
• gold metallization ensures excellent reliability.
The transistor has a 6-lead flange envelope with a ceramic
cap (SOT-171). All leads are isolated from the flange.
QUICK REFERENCE DATA
R.F. performance at Th =25 °C in a common-emitter class-B test circuit
MODE OF OPERATION
VCE
V
f
MHz
PL
W
GP
dB
ηC
%
narrow band; c.w.
12,5
900
4
>
7,5
>
50
9,6
900
3
typ.
7,3
typ.
56
PINNING - SOT171A
PIN
SYMBOL
DESCRIPTION
1
e
emitter
2
e
emitter
3
b
base
4
c
collector
5
e
emitter
6
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM141
Top view
e
c
b
1
2
3
4
5
6
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com