Electronic Components Datasheet Search
  English  ▼

X  

BLV92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV92
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV92 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV92 Datasheet HTML 1Page - NXP Semiconductors BLV92 Datasheet HTML 2Page - NXP Semiconductors BLV92 Datasheet HTML 3Page - NXP Semiconductors BLV92 Datasheet HTML 4Page - NXP Semiconductors BLV92 Datasheet HTML 5Page - NXP Semiconductors BLV92 Datasheet HTML 6Page - NXP Semiconductors BLV92 Datasheet HTML 7Page - NXP Semiconductors BLV92 Datasheet HTML 8Page - NXP Semiconductors BLV92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLV92
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-base voltage (open emitter)
peak value
VCBOM
max.
36 V
Collector-emitter voltage (open base)
VCEO
max.
16 V
Emitter-base voltage (open collector)
VEBO
max.
3 V
Collector current
d.c. or average
IC
max.
0,8 A
(peak value); f
> 1 MHz
ICM
max.
2,4 A
Total power dissipation
at Tmb =94 °CPtot(dc)
max.
9 W
at Tmb = 94 °C; f > 1 MHz
Ptot(rf)
max.
12 W
Storage temperature
Tstg
−65 to + 150 °C
Operating junction temperature
Tj
max.
200
°C
Fig.2 D.C. SOAR.
Rth mb-h = 0,4 K/W.
handbook, halfpage
10
1
10−1
MDA408
110
VCE (V)
IC
(A)
102
Th = 90 °C
Fig.3 Power/temperature derating curves.
I
Continuous operation
II Continuous operation (f > 1 MHz)
III Short-time operation during mismatch; (f > 1 MHz)
handbook, halfpage
0
II
III
50
100
Ptot
(W)
Th (°C)
200
20
0
16
150
12
8
4
MDA409
I
THERMAL RESISTANCE
Dissipation = 6 W; Tmb = 128 °C
From junction to mounting base
(d.c. dissipation)
Rth j-mb(dc)
max.
12 K/W
(r.f. dissipation)
Rth j-mb(rf)
max.
9 K/W
From mounting base to heatsink
Rth mb-h
max.
0,4 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com