Electronic Components Datasheet Search
  English  ▼

X  

IRGS4065PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGS4065PBF
Description  PDP TRENCH IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4065PBF Datasheet(HTML) 5 Page - International Rectifier

  IRGS4065PBF Datasheet HTML 1Page - International Rectifier IRGS4065PBF Datasheet HTML 2Page - International Rectifier IRGS4065PBF Datasheet HTML 3Page - International Rectifier IRGS4065PBF Datasheet HTML 4Page - International Rectifier IRGS4065PBF Datasheet HTML 5Page - International Rectifier IRGS4065PBF Datasheet HTML 6Page - International Rectifier IRGS4065PBF Datasheet HTML 7Page - International Rectifier IRGS4065PBF Datasheet HTML 8Page - International Rectifier IRGS4065PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRGB/S4065PbF
www.irf.com
5
Fig 13. Typical Capacitance vs. Collector-to-Emitter Voltage
Fig 14. Typical Gate Charge vs. Gate-to-Emitter Voltage
Fig 15. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
50
100
150
200
250
300
VCE, Collector-toEmitter-Voltage(V)
10
100
1000
10000
100000
Cies
Coes
Cres
VGS = 0V,
f = 1 MHZ
Cies = Cge + Cgd, C ce SHORTED
Cres = Cgc
Coes = Cce + Cgc
0
10
20304050607080
Q G, Total Gate Charge (nC)
0
5
10
15
20
25
IC = 25A
VCE = 240V
VCE = 200V
VCE = 150V
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.0239
0.000011
0.1179
0.000047
0.3264
0.000922
0.2324
0.004889



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com