Electronic Components Datasheet Search
  English  ▼

X  

IRGS4065PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRGS4065PBF
Description  PDP TRENCH IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4065PBF Datasheet(HTML) 7 Page - International Rectifier

  IRGS4065PBF Datasheet HTML 1Page - International Rectifier IRGS4065PBF Datasheet HTML 2Page - International Rectifier IRGS4065PBF Datasheet HTML 3Page - International Rectifier IRGS4065PBF Datasheet HTML 4Page - International Rectifier IRGS4065PBF Datasheet HTML 5Page - International Rectifier IRGS4065PBF Datasheet HTML 6Page - International Rectifier IRGS4065PBF Datasheet HTML 7Page - International Rectifier IRGS4065PBF Datasheet HTML 8Page - International Rectifier IRGS4065PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRGB/S4065PbF
www.irf.com
7
TO-220AB package is not recommended for Surface Mount Application.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
/27 &2'( 
(;$03/( 7+,6 ,6$1 ,5)
1RWH 3 LQDVVHPEO\OLQHSRVLWLRQ
LQGLFDWHV /HDG)UHH
,1 7+( $66(0%/< /,1(&
$66(0%/('21:: 
,17(51$7,21$/
3$57180%(5
5(&7,),(5
/27&2'(
$66(0%/<
/2*2
<($5

'$7( &2'(
:((. 
/,1(&



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com