Electronic Components Datasheet Search
  English  ▼

X  

MF4SAM3X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF4SAM3X
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF4SAM3X Datasheet HTML 5Page - NXP Semiconductors MF4SAM3X Datasheet HTML 6Page - NXP Semiconductors MF4SAM3X Datasheet HTML 7Page - NXP Semiconductors MF4SAM3X Datasheet HTML 8Page - NXP Semiconductors MF4SAM3X Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X Datasheet HTML 10Page - NXP Semiconductors MF4SAM3X Datasheet HTML 11Page - NXP Semiconductors MF4SAM3X Datasheet HTML 12Page - NXP Semiconductors MF4SAM3X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NXP Semiconductors
MF4SAM3x
MIFARE SAM AV3 secure access module
7 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD (5.0)
Class A/5 V nominal supply voltage
contact interface operation
4.5
5.0
5.5
V
VDD (3.0)
Class B/3 V nominal supply voltage
contact interface operation
2.7
3.0
3.3
V
VDD (1.8)
supply voltage [1]
Class C/1.8V nominal supply voltage
contact interface operation
1.62
1.8
1.98
V
VI
DC input voltage on digital
inputs and digital I/O pads
-
0
-
VDD
V
Tamb
operating ambient
temperature[2]
-25
-
+85
°C
Table 5. Operating conditions
[1]
All described supply voltages according to ISO/IEC 7816-3.
[2]
All product properties and values specified within this data sheet are only valid within the operating ambient temperature range.
The supported operating supply voltage ranges limited by exception sensors covers the whole range of classes
A, B and C. The Product Name devices operate within the full voltage range described in Figure 4.
Figure 4. Operating conditions over voltage range
MF4SAM3X_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 1 July 2023
9 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com