Electronic Components Datasheet Search
  English  ▼

X  

1559945 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1559945
Description  SACC-DSI-MS-12CON-M12 SCO - Device connector, rear mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1559945 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1559945 Datasheet HTML 1Page - PHOENIX CONTACT 1559945 Datasheet HTML 2Page - PHOENIX CONTACT 1559945 Datasheet HTML 3Page - PHOENIX CONTACT 1559945 Datasheet HTML 4Page - PHOENIX CONTACT 1559945 Datasheet HTML 5Page - PHOENIX CONTACT 1559945 Datasheet HTML 6Page - PHOENIX CONTACT 1559945 Datasheet HTML 7Page - PHOENIX CONTACT 1559945 Datasheet HTML 8Page - PHOENIX CONTACT 1559945 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector, rear mounting, 12-position, Plug, straight, M12-SPEEDCON, coding: A , Rear
mounting, M12 x 1, Solder pins, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1240077
Your advantages
Easy PCB assembly: one-piece connectors for wave soldering
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
SPEEDCON fast locking system reduces cabling times
•
Commercial Data
Item number
1559945
Packing unit
1 pc
Minimum order quantity
20 pc
Note
Made to Order (non-returnable)
Sales Key
AB23
Product Key
ABQEGI
Catalog Page
Page 248 (C-2-2013)
GTIN
4046356322652
Weight per Piece (including packing)
9.415 g
Weight per Piece (excluding packing)
9.05 g
Customs tariff number
85366990
Country of origin
DE
SACC-DSI-MS-12CON-M12 SCO - Device connector,
rear mounting
1559945
https://www.phoenixcontact.com/us/products/1559945
Jul 4, 2023, 4:10 AM
Page 1 (11)


Similar Part No. - 1559945

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1559910000 WEIDMULLER-1559910000 Datasheet
94Kb / 5P
BLZ 5.08/2/270B SN OR
1559910000 WEIDMULLER-1559910000 Datasheet
94Kb / 5P
BLZ 5.08/4/270B SN OR
1559910000 WEIDMULLER-1559910000 Datasheet
94Kb / 5P
BLZ 5.08/5/270B SN SW
1559910000 WEIDMULLER-1559910000 Datasheet
94Kb / 5P
BLZ 5.08/5/270B SN OR
1559910000 WEIDMULLER-1559910000 Datasheet
94Kb / 5P
BLZ 5.08/6/270B SN SW
More results

Similar Description - 1559945

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551875 PHOENIX-1551875 Datasheet
603Kb / 13P
SACC-DSI-MS-4CON-M12/0,5 SCO - Device connector, rear mounting
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
1551862 PHOENIX-1551862 Datasheet
543Kb / 10P
SACC-DSI-MS-8CON-M12 SCO - Device connector, rear mounting
1559932 PHOENIX-1559932 Datasheet
572Kb / 12P
SACC-DSI-MS-12CON-L180 SCO - Device connector, rear mounting
1430459 PHOENIX-1430459 Datasheet
1Mb / 12P
SACC-DSI-MS-12CON-PG9/0,5 SCO - Device connector, rear mounting
1436783 PHOENIX-1436783 Datasheet
575Kb / 12P
SACC-DSI-MS-12CON-L180 SCO SH - Device connector, rear mounting
1437106 PHOENIX-1437106 Datasheet
549Kb / 11P
SACC-DSI-MS-12CON-M12 SCO SH - Device connector, rear mounting
1437122 PHOENIX-1437122 Datasheet
525Kb / 13P
SACC-DSI-MS-12CON-M12/0,5 SCO - Device connector, rear mounting
1437135 PHOENIX-1437135 Datasheet
512Kb / 11P
SACC-DSI-MS-17CON-M12/0,5 SCO - Device connector, rear mounting
1559974 PHOENIX-1559974 Datasheet
558Kb / 11P
SACC-DSI-MS-17CON-M12 SCO - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com