Electronic Components Datasheet Search
  English  ▼

X  

1559945 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1559945
Description  SACC-DSI-MS-12CON-M12 SCO - Device connector, rear mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1559945 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1559945 Datasheet HTML 1Page - PHOENIX CONTACT 1559945 Datasheet HTML 2Page - PHOENIX CONTACT 1559945 Datasheet HTML 3Page - PHOENIX CONTACT 1559945 Datasheet HTML 4Page - PHOENIX CONTACT 1559945 Datasheet HTML 5Page - PHOENIX CONTACT 1559945 Datasheet HTML 6Page - PHOENIX CONTACT 1559945 Datasheet HTML 7Page - PHOENIX CONTACT 1559945 Datasheet HTML 8Page - PHOENIX CONTACT 1559945 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Notes
General
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Mounting
Mounting type
Rear mounting M12 x 1 With flat nut
Assembly instructions
With flat nut
Connection method
Solder pins
Product properties
Product type
Circular connectors (device side)
Number of positions
12
Shielded
no
Coding
A
Thread type
M12
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Dimensions
Dimensional drawing
6 mm
Length of the solder pin
6 mm
Material specifications
Flammability rating according to UL 94
V0
Seal material
NBR
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA 6.6
Material for screw connection
Zinc die-cast, nickel-plated
Electrical properties
SACC-DSI-MS-12CON-M12 SCO - Device connector,
rear mounting
1559945
https://www.phoenixcontact.com/us/products/1559945
Jul 4, 2023, 4:10 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com