Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 35Page - Texas Instruments CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
show typical TX current and output power for different output power settings.
Table 8-1. Typical TX Current and Output Power
CC2674P10 at 2.4 GHz, VDDS = 3.3 V (Measured on CC1352-7PEM-XD7793-XD24-PA24)
txPower
TX Power Setting (SmartRF Studio)
Typical Output Power [dBm]
Typical Current Consumption [mA]
0x3F75F5
20
19.6
102
0x3F61E2
19
18.3
86
0x3047E0
18
17.4
79
0x1B4FE5
17
16.3
71
0x1B39DE
16
15.2
63
0x1B2FDA
15
14.3
58
0x1B27D6
14
13.2
52
Table 8-2. Typical TX Current and Output Power
CC2674P10 at 2.4 GHz, VDDS = 3.0 V (Measured on CC1352-7PEM-XD7793-XD24-PA24)
txPower
TX Power Setting (SmartRF Studio)
Typical Output Power [dBm]
Typical Current Consumption [mA]
0x762E
5
4.7
10
0x8220
4
3.7
9
0x5617
3
2.8
8
0x3E66
2
1.9
8
0x3261
1
0.9
8
0x2C5D
0
0.0
7
0x1899
-3
-3.1
6
0x1695
-5
-4.9
6
0x1693
-6
-6.0
6
0x0CD4
-9
-9.1
5
0x0AD3
-10
-9.8
5
0x0AD0
-12
-11.9
5
0x06CD
-15
-14.6
5
0x04CA
-18
-17.8
5
0x04C8
-20
-20.4
4
www.ti.com
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com