Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC1310
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1310 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 25Page - Texas Instruments CC1310 Datasheet HTML 26Page - Texas Instruments CC1310 Datasheet HTML 27Page - Texas Instruments CC1310 Datasheet HTML 28Page - Texas Instruments CC1310 Datasheet HTML 29Page - Texas Instruments CC1310 Datasheet HTML 30Page - Texas Instruments CC1310 Datasheet HTML 31Page - Texas Instruments CC1310 Datasheet HTML 32Page - Texas Instruments CC1310 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
8.14.5 UART
8.14.5.1 UART Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
UART rate
3
MBaud
8.15 Peripheral Characteristics
8.15.1 ADC
8.15.1.1 Analog-to-Digital Converter (ADC) Characteristics
Tc = 25 °C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
Performance numbers require use of offset and gain adjustements in software by TI-provided ADC drivers.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Resolution
12
Bits
Sample Rate
200
ksps
Offset
Internal 4.3 V equivalent reference(2)
–0.24
LSB
Gain error
Internal 4.3 V equivalent reference(2)
7.14
LSB
DNL(4)
Differential nonlinearity
>–1
LSB
INL
Integral nonlinearity
±4
LSB
ENOB
Effective number of bits
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
9.8
Bits
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone, DC/DC enabled
9.8
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
10.1
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
11.1
Internal reference, voltage scaling disabled,
14-bit mode, 200 kSamples/s, 300 Hz input tone (5)
11.3
Internal reference, voltage scaling disabled,
15-bit mode, 200 kSamples/s, 300 Hz input tone (5)
11.6
THD
Total harmonic distortion
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
–65
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
–70
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
–72
SINAD,
SNDR
Signal-to-noise
and
distortion ratio
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
60
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
63
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
68
SFDR
Spurious-free dynamic range
Internal 4.3 V equivalent reference(2), 200 kSamples/s,
9.6 kHz input tone
70
dB
VDDS as reference, 200 kSamples/s, 9.6 kHz input tone
73
Internal reference, voltage scaling disabled,
32 samples average, 200 kSamples/s, 300 Hz input tone
75
Conversion time
Serial conversion, time-to-output, 24 MHz clock
50
Clock Cycles
Current consumption
Internal 4.3 V equivalent reference(2)
0.42
mA
Current consumption
VDDS as reference
0.6
mA
Reference voltage
Equivalent fixed internal reference (input voltage scaling
enabled). For best accuracy, the ADC conversion should be
initiated through the TI-RTOS API in order to include the gain/
offset compensation factors stored in FCFG1
4.3(2) (3)
V
www.ti.com
CC2674P10
SWRS269A – DECEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com