Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TIOS102 Datasheet HTML 3Page - Texas Instruments TIOS102 Datasheet HTML 4Page - Texas Instruments TIOS102 Datasheet HTML 5Page - Texas Instruments TIOS102 Datasheet HTML 6Page - Texas Instruments TIOS102 Datasheet HTML 7Page - Texas Instruments TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments TIOS102 Datasheet HTML 10Page - Texas Instruments TIOS102 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
6.6 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted). Typical values are at VVCC = 24 V, VVCC_IN = 3.3 V,
VVCC_OUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
V(UVLO)
VCC under voltage lockout
VCC falling; NFAULT = Hi-Z
TIOS102 and 3.3V
LDO version
4.2
4.4
V
V(UVLO)
VCC under voltage lockout
VCC rising; NFAULT = Hi-Z
4.6
4.75
V
V(UVLO)
VCC under voltage lockout
VCC falling; NFAULT = Hi-Z
TIOS1025
6
6.3
V
VCC rising; NFAULT = Hi-Z
6.5
6.8
V
V(UVLO,HYS)
VCC under voltage lockout
hysteresis
Rising to falling threshold
Rising to falling
threshold
200
mV
V(UVLO_IN)
VCC_IN under voltage lockout
(No LDO option)
VCC_IN falling; NFAULT = Hi-Z
2.3
V
VCC_IN rising; NFAULT = LOW
2.5
V
V(UVLO_IN,HY
S)
VCC_IN under voltage hysteresis
(No LDO option)
Rising to falling threshold
190
mV
T(WRN)
Thermal warning
Die temperature TJ
125
°C
T(SDN)
Thermal shutdown
150
160
°C
T(HYS)
Hysteresis for thermal shutdown
and warning thresholds
14
°C
IREV
Leakage current in reverse
polarity
EN=LOW, IN=x; V(OUT) < V(GND) or V(OUT) > V(VCC), up
to |36 V|
60
µA
EN=LOW, IN=x; V(OUT) < V(GND) or V(OUT) > V(VCC), up
to |55 V|
110
µA
EN = HIGH, IN = LOW; V(OUT to VCC) = 3 V
640
µA
EN = HIGH, IN = HIGH; V(OUT to GND) = -3 V
10
µA
LINEAR REGULATOR (LDO)
V(VCC_OUT)
Voltage regulator output
5 V LDO version
4.75
5
5.25
V
3.3 V LDO version
3.13
3.3
3.46
V
V(DROP)
Voltage regulator drop-out voltage
(V(VCC) – V(VCC_OUT))
ICC = 20 mA load current
5 V LDO
1.9
V
3.3 V LDO
1.4
V
REG
Line regulation (dV(VCC_OUT)/
dV(VCC))
I(VCC_OUT) = 1 mA
1.7
mV/V
LREG
Load regulation (dV(VCC_OUT)/
V(VCC_OUT))
V(VCC) = 24 V, I(VCC_OUT) = 100 µA to 20 mA
1%
PSSR
Power Supply Rejection Ratio
100 kHz, I(VCC_OUT) = 20 mA
40
dB
(1)
Current fault indication will be active. Current fault auto recovery will be de-activated.
(2)
If operating continuously with this current limit, ensure that the current through the device does not cause the TJ to be greater than
T(SDN) for a given ambient temperature and thermal property of the system. For pulse durations t < 200 µs, the device can source or
sink current of at least 500 mA across the recommended operating conditions.
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4B – FEBRUARY 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com