Electronic Components Datasheet Search
  English  ▼

X  

TIOS102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS102
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS102 Datasheet(HTML) 3 Page - Texas Instruments

  TIOS102 Datasheet HTML 1Page - Texas Instruments TIOS102 Datasheet HTML 2Page - Texas Instruments TIOS102 Datasheet HTML 3Page - Texas Instruments TIOS102 Datasheet HTML 4Page - Texas Instruments TIOS102 Datasheet HTML 5Page - Texas Instruments TIOS102 Datasheet HTML 6Page - Texas Instruments TIOS102 Datasheet HTML 7Page - Texas Instruments TIOS102 Datasheet HTML 8Page - Texas Instruments TIOS102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
5 Pin Configuration and Functions
1
VCC_OUT
2
NFAULT
3
NC
4
IN
5
EN
6
ILIM_ADJ
7
GND
8
OUT
9
VCC
10
NC
Thermal
Pad
Not to scale
Figure 5-1. TIOS1023, TIOS1025
DRC, 10-Pin VSON
(Top View)
1
VCC_IN
2
NFAULT
3
NC
4
IN
5
EN
6
ILIM_ADJ
7
GND
8
OUT
9
VCC
10
NC
Thermal
Pad
Not to scale
Figure 5-2. TIOS102
DRC, 10-Pin VSON
(Top View)
Table 5-1. Pin Functions (VSON Package)
PIN NO
PIN
NAME
Type
DESCRIPTION
TIOS102
TIOS1023,
TIOS1025
1
VCC_IN
VCC_OUT
P
3.3-V or 5-V linear regulator output; external 3.3-V or 5-V logic supply input for option without
LDO.
2
NFAULT
NFAULT
O
Fault indicator output signal to the microcontroller. Connect this pin via pull-up resistor to
VCC_IN (TIOS102) or VCC_OUT (TIOS1023, TIOS1025)
3
NC
NC
-
Do not connect to GND. Leave floating
4
IN
IN
I
Transmit data input from the local controller. No effect if EN is low. Logic high sets low-side
switch. Logic low sets high-side switch. Weak internal pull-up.
5
EN
EN
I
Driver enable input signal from the local controller. Logic low sets the OUT output at Hi-Z.
Weak internal pull-down.
6
ILIM_ADJ
ILIM_ADJ
I
Input for current limit adjustment. Connect resistor RSET between ILIM_ADJ and GND.
7
GND
GND
GND
Device ground connection
8
OUT
OUT
O
Driver output
9
VCC
VCC
P
Supply voltage (24 V nominal)
10
NC
NC
-
Do not connect to GND. Leave floating
Thermal Pad
Thermal Pad
—
Connect to GND plane for optimal thermal and electrical performance
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4B – FEBRUARY 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com