Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 3 Page - Texas Instruments

  TPS35 Datasheet HTML 1Page - Texas Instruments TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Device Comparison
Figure 5-1 shows the device naming nomenclature of the TPS35-Q1. For all possible output types, threshold
voltage options, watchdog time options and output assert delay options, see Section 8 for more details. Contact
TI sales representatives or on TI's E2E forum for detail and availability of other options.
TPS35 X X XX X X X XXX X Q1
Pinout Op on
A*
B*
C
D
Threshold
Voltage
01: 1.05 V
02: 1.10 V
...
87: 5.35 V
88: 5.40 V
Package
DDF: SOT23-8
Output Topology,
Startup Delay
A: DL, No Delay
B: DL, 200 msec
C: DL, 500 msec
D: DL, 1 sec
E: DL, 5 sec
F: DL, 10 sec
G: PL, No Delay
H: PL, 200 msec
I: PL, 500 msec
J: PL, 1 sec
K: PL, 5 sec
L: PL, 10 sec
Watchdog
Time
A: External
Capacitor **
B: 1 msec
C: 5 msec
D: 10 msec
E: 20 msec
F: 50 msec
G: 100 msec
H: 200 msec
I: 1 sec
J = 1.4 sec
K = 1.6 sec
L = 10 sec
M = 50 sec
N = 100 sec
Watchdog
Time Scaling
A: 1, 2, 4
B: 1, 4 , 8
C: 1, 8, 16
D: 1, 16, 32
E: 1, 32, 64
F: 1, 64, 128
G: 1, 128, 256
Output
Assert Time
A: External
Capacitor **
B: 2 msec
C: 10 msec
D: 25 msec
E: 50 msec
F: 100 msec
G: 200 msec
H: 1 sec
I: 10 sec
J = Latched
output
Tape/Reel
R: Reel
T: Tape
* Pinout op on supports Start up Delay se ngs of “No Delay” and “10 sec” only.
** Capacitor programmable me feature available with pinout op ons A & B. For xed me
and latched output features use pinout op ons C & D.
Refer ‘Mechanical, Packaging and Orderable Informa on’ sec on for list of released orderable.
For any other orderable, contact local TI support.
DL – Open Drain output
PL – Push Pull output
Figure 5-1. Device Naming Nomenclature
TPS35-Q1 belongs to family of pin compatible devices offering different feature sets as highlighted in Table 5-1.
Table 5-1. Pin Compatible Device Families
DEVICE
VOLTAGE SUPERVISOR
TYPE OF WATCHDOG
TPS35-Q1
Yes
Timeout
TPS36-Q1
Yes
Window
TPS3435-Q1
No
Timeout
TPS3436-Q1
No
Window
www.ti.com
TPS35-Q1
SLVSGE8A – NOVEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com