Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS35
Description  TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments TPS35 Datasheet HTML 27Page - Texas Instruments TPS35 Datasheet HTML 28Page - Texas Instruments TPS35 Datasheet HTML 29Page - Texas Instruments TPS35 Datasheet HTML 30Page - Texas Instruments TPS35 Datasheet HTML 31Page - Texas Instruments TPS35 Datasheet HTML 32Page - Texas Instruments TPS35 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
11 Layout
11.1 Layout Guidelines
Make sure that the connection to the VDD pin is low impedance. Good analog design practice recommends
placing a 0.1-µF ceramic capacitor as near as possible to the VDD pin. If a capacitor is not connected to the
CRST pin, then minimize parasitic capacitance on this pin so the RESET delay time is not adversely affected.
• Make sure that the connection to the VDD pin is low impedance. Good analog design practice is to place a
0.1-µF ceramic capacitor as near as possible to the VDD pin.
• Place CCRST capacitor as close as possible to the CRST pin.
• Place CCWD capacitor as close as possible to the CWD pin.
• Place the pullup resistor on the RESET pin as close to the pin as possible.
11.2 Layout Example
Not to scale
VDD
WD-EN
SET1
GND
WDI
1
2
3
6
5
4
8
7
SET0
RESET
MR
TPS35-Q1
Pull up
Open Drain
Output
Copyright © 2023, Texas Instruments Incorporated
Figure 11-1. Typical Layout for the Pinout C of TPS35-Q1
www.ti.com
TPS35-Q1
SLVSGE8A – NOVEMBER 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com