Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 12Page - Texas Instruments TPSM82913 Datasheet HTML 13Page - Texas Instruments TPSM82913 Datasheet HTML 14Page - Texas Instruments TPSM82913 Datasheet HTML 15Page - Texas Instruments TPSM82913 Datasheet HTML 16Page - Texas Instruments TPSM82913 Datasheet HTML 17Page - Texas Instruments TPSM82913 Datasheet HTML 18Page - Texas Instruments TPSM82913 Datasheet HTML 19Page - Texas Instruments TPSM82913 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
7.3 Feature Description
7.3.1 Smart Config (S-CONF)
This S-CONF pin configures the device based on the resistor value. This pin is read after EN/SYNC goes high.
The device configuration cannot be changed during operation. The S-CONF value is re-read if EN is pulled
below 200 mV or if VIN falls below UVLO. Table 7-1 shows the configuration options of the following:
• Switching frequency
• Spread spectrum modulation
• Output discharge
• Synchronization
Table 7-1. S-CONF Device Configuration Modes
S-CONF
SWITCHING
FREQUENCY
SPREAD SPECTRUM
OUTPUT
DISCHARGE
SYNCHRONIZATION
VIN
2.2 MHz
OFF
OFF
No
GND
1 MHz
OFF
OFF
No
4.87 kΩ
2.2 MHz
OFF
OFF
1.9 MHz to 2.42 MHz
6.04kΩ
2.2MHz
Triangle
OFF
No
7.5 kΩ
2.2 MHz
Random
OFF
No
9.31 kΩ
1 MHz
OFF
OFF
0.9 MHz to 1.2 MHz
11.5kΩ
1 MHz
Triangle
OFF
No
14.3 kΩ
1 MHz
Random
OFF
No
Discharge On
18.2 kΩ
2.2 MHz
OFF
ON
No
22.1 kΩ
1 MHz
OFF
ON
No
27.4 kΩ
2.2 MHz
OFF
ON
1.9 MHz to 2.42 MHz
34 kΩ
2.2 MHz
Triangle
ON
No
42.2 kΩ
2.2 MHz
Random
ON
No
52.3 kΩ
1 MHz
OFF
ON
0.9 MHz to 1.2 MHz
64.9kΩ
1 MHz
Triangle
ON
No
80.6 kΩ
1 MHz
Random
ON
No
7.3.2 Device Enable (EN/SYNC)
The device is enabled by pulling the EN/SYNC pin high and has an accurate rising threshold voltage of typically
1.01 V. After the device is enabled, the operation mode is set by the configuration of the S-CONF pin. This
occurs during the device start-up delay time tdelay. After tdelay expires, the internal soft-start circuitry ramps up the
output voltage over the soft-start time set by the CNR/SS capacitor. The start-up delay time tdelay varies depending
on the selected S-CONF value. the time is shortest with smaller S-CONF resistors.
The EN/SYNC pin has an active pulldown resistor RPD. This resistor prevents an uncontrolled start-up of the
device, in case the EN/SYNC pin cannot be driven to a low level. The pulldown resistor is disconnected after
start-up. With EN set to a low level, the device enters shutdown and the pulldown resistor is activated again.
7.3.3 Device Synchronization (EN/SYNC)
The EN/SYNC pin is also used for device synchronization. After a clock signal is applied to this pin, the device
is enabled and reads the configuration of the S-CONF pin. The external clock frequency must be within the
clock synchronization frequency range set by the S-CONF pin. When the clock signal changes from a clock to a
static high, then the device switches from external clock to internal clock. To shutdown the device when using an
external clock, EN/SYNC must go low for at least 10 µs.
The clock signal can be a logic signal with a logic level as specified in the electrical table, and can be applied
directly to the EN/SYNC pin. External logic, such as an AND gate, can be used to combine separate enable and
clock inputs, as shown in Figure 7-1.
TPSM82913, TPSM82913E
SLVSGJ4B – OCTOBER 2022 – REVISED MAY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSM82913 TPSM82913E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com