Electronic Components Datasheet Search
  English  ▼

X  

FP2189 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # FP2189
Description  1 - Watt HFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  FP2189 Datasheet HTML 1Page - WJ Communication. Inc. FP2189 Datasheet HTML 2Page - WJ Communication. Inc. FP2189 Datasheet HTML 3Page - WJ Communication. Inc. FP2189 Datasheet HTML 4Page - WJ Communication. Inc. FP2189 Datasheet HTML 5Page - WJ Communication. Inc. FP2189 Datasheet HTML 6Page - WJ Communication. Inc. FP2189 Datasheet HTML 7Page - WJ Communication. Inc. FP2189 Datasheet HTML 8Page - WJ Communication. Inc. FP2189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP2189
1 - Watt HFET
Product Information
Application Circuit: 870 – 960 MHz (FP2189-PCB900S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 250 mA, 25°C
Frequency
MHz
870
915
960
S21 – Gain
dB
18.9
18.7
18.4
S11 – Input Return Loss
dB
-24
-21
-12
S22 – Output Return Loss
dB
-7.6
-8.3
-9.6
Output P1dB
dBm
+30.0
+30.2
+30.0
Output IP3
(+15 dBm / tone, 1 MHz spacing)
dBm
+42.8
Noise Figure
dB
4.2
4.5
4.5
IS-95 Channel Power
@ -45 dBc ACPR
dBm
+24.5
RES
R=
ID=
10 Ohm
R2
CAP
C=
ID=
DNP pF
C14
IND
L=
ID=
18 nH
L1
RES
R=
ID=
100 Ohm
R1
CAP
C=
ID=
100 pF
C1
CAP
C=
ID=
DNP pF
C2
IND
L=
ID=
82 nH
L3
CAP
C=
ID=
DNP pF
C6
CAP
C=
ID=
100 pF
C7
CAP
C=
ID=
1000 pF
C8
CAP
C=
ID=
DNP pF
C12
CAP
C=
ID=
100 pF
C9
CAP
C=
ID=
4.7 pF
C15
CAP
C=
ID=
DNP pF
C13
IND
L=
ID=
5.6 nH
L2
CAP
C=
ID=
1e5 pF
C11
CAP
C=
ID=
DNP pF
C10
CAP
C=
ID=
100 pF
C3
CAP
C=
ID=
1000 pF
C4
IND
L=
ID=
5.6 nH
L4
CAP
C=
ID=
2.4 pF
C5
1
2
SUBCKT
NET=
ID=
"FP2189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds=8V @ 250 mA
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip line has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C3, C7, C9, C13
100 pF
Chip capacitor
0603
C4, C8
1000 pF
Chip capacitor
0603
C5
2.4 pF
Chip capacitor
0603
C11
0.1
µF
Chip capacitor
1206
L1
18 nH
Multilayer chip inductor
0603
L2, L4
5.6 nH
Multilayer chip inductor
0603
L3
82 nH
Multilayer chip inductor
0603
R1
100 O
Chip resistor
0603
R2
10 O
Chip resistor
0603
Q1
FP2189
WJ 1W HFET
SOT-89
C2, C6, C10, C12, C14
Do Not Place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com