Electronic Components Datasheet Search
  English  ▼

X  

FP2189 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # FP2189
Description  1 - Watt HFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189 Datasheet(HTML) 7 Page - WJ Communication. Inc.

Back Button FP2189 Datasheet HTML 3Page - WJ Communication. Inc. FP2189 Datasheet HTML 4Page - WJ Communication. Inc. FP2189 Datasheet HTML 5Page - WJ Communication. Inc. FP2189 Datasheet HTML 6Page - WJ Communication. Inc. FP2189 Datasheet HTML 7Page - WJ Communication. Inc. FP2189 Datasheet HTML 8Page - WJ Communication. Inc. FP2189 Datasheet HTML 9Page - WJ Communication. Inc. FP2189 Datasheet HTML 10Page - WJ Communication. Inc. FP2189 Datasheet HTML 11Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP2189
1 - Watt HFET
Product Information
Application Circuit: 2110 – 2170 MHz (FP2189-PCB2140S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 250 mA, 25°C
Frequency
MHz
2110
2140
2170
S21 – Gain
dB
14.4
14.4
14.4
S11 – Input Return Loss
dB
-23
-23
-22
S22 – Output Return Loss
dB
-9.7
-11.5
-12
Output P1dB
dBm
+30.5
+30.6
+30.2
Output IP3
(+15 dBm / tone, 1 MHz spacing)
dBm
+43.9
Noise Figure
dB
4.2
4.5
4.3
W-CDMA Channel Power
@ -45 dBc ACPR
dBm
+22.2
RES
R=
ID=
6.2 Ohm
R2
CAP
C=
ID=
DNP pF
C4
IND
L=
ID=
5.6 nH
L1
RES
R=
ID=
10 Ohm
R1
CAP
C=
ID=
1.8 pF
C1
CAP
C=
ID=
DNP pF
C2
IND
L=
ID=
18 nH
L2
CAP
C=
ID=
1000 pF
C7
CAP
C=
ID=
22 pF
C6
CAP
C=
ID=
10000 pF
C8
CAP
C=
ID=
22 pF
C9
CAP
C=
ID=
DNP pF
C5
CAP
C=
ID=
1.8 pF
C11
CAP
C=
ID=
1 pF
C10
CAP
C=
ID=
33 pF
C3
1
2
SUBCKT
NET=
ID=
"FP2189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds=8V @ 250 mA
14 mil GETEK
TM ML200DSS (er = 4.2)
The main microstrip line has a line impedance of 50 O.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C11
1.8 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C6, C9
22 pF
Chip capacitor
0603
C7
1000 pF
Chip capacitor
0603
C8
0.1
µF
Chip capacitor
1206
C10
1.0 pF
Chip capacitor
0603
L1
5.6 nH
Multilayer chip inductor
0603
L2
18 nH
Multilayer chip inductor
0603
R1
10 O
Chip resistor
0603
R2
6.2 O
Chip resistor
0603
Q1
FP2189
WJ 1W HFET
SOT-89
C2, C4, C5
Do Not Place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com