Electronic Components Datasheet Search
  English  ▼

X  

SA58632 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA58632
Description  2 x 2.2 W BTL audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58632 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA58632 Datasheet HTML 9Page - NXP Semiconductors SA58632 Datasheet HTML 10Page - NXP Semiconductors SA58632 Datasheet HTML 11Page - NXP Semiconductors SA58632 Datasheet HTML 12Page - NXP Semiconductors SA58632 Datasheet HTML 13Page - NXP Semiconductors SA58632 Datasheet HTML 14Page - NXP Semiconductors SA58632 Datasheet HTML 15Page - NXP Semiconductors SA58632 Datasheet HTML 16Page - NXP Semiconductors SA58632 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
SA58632_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
13 of 26
Philips Semiconductors
SA58632
2
× 2.2 W BTL audio amplifier
(1) VCC =6V.
(2) VCC = 7.5 V.
(3) VCC =9V.
(1) VCC =6V.
(2) VCC = 7.5 V.
(3) VCC =9V.
(4) VCC =12V.
a. RL =8 Ω; f = 1 kHz; Gv =20dB
b. RL =16 Ω; f = 1 kHz; Gv =20dB
Fig 11. Power dissipation versus output power
Po (W)
03
2
1
002aac288
1
2
3
P
(W)
0
(1)
(2)
(3)
1
2
3
P
(W)
0
Po (W)
04
3
12
002aac289
(1)
(2)
(3)
(4)
(1) RL =4 Ω.
(2) RL =8 Ω.
(3) RL =16 Ω.
Fig 12. Worst case power dissipation versus VCC
002aac287
VCC (V)
012
8
4
0
3
2
1
4
Po
(W)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com