Electronic Components Datasheet Search
  English  ▼

X  

SA58632 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA58632
Description  2 x 2.2 W BTL audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58632 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA58632 Datasheet HTML 1Page - NXP Semiconductors SA58632 Datasheet HTML 2Page - NXP Semiconductors SA58632 Datasheet HTML 3Page - NXP Semiconductors SA58632 Datasheet HTML 4Page - NXP Semiconductors SA58632 Datasheet HTML 5Page - NXP Semiconductors SA58632 Datasheet HTML 6Page - NXP Semiconductors SA58632 Datasheet HTML 7Page - NXP Semiconductors SA58632 Datasheet HTML 8Page - NXP Semiconductors SA58632 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SA58632_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
3 of 26
Philips Semiconductors
SA58632
2
× 2.2 W BTL audio amplifier
6.
Block diagram
Fig 1.
Block diagram of SA58632
SA58632
VCCL
OUTL
−
INL+
INL
−
RGND
OUTL+
002aac078
15
14
R
20 k
Ω
20 k
Ω
16
STANDBY/MUTE LOGIC
1
7
R
VCCL
17
VCCR
10
VCCR
OUTR
−
INR+
INR
−
SVR
OUTR+
12
13
R
20 k
Ω
20 k
Ω
3
11
STANDBY/MUTE LOGIC
6
R
MODE
2
BTL/SE
4
LGND
20
GND
18
GND
19
GND
9
GND
8
n.c.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com