Electronic Components Datasheet Search
  English  ▼

X  

BLW76 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLW76
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW76 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLW76 Datasheet HTML 7Page - NXP Semiconductors BLW76 Datasheet HTML 8Page - NXP Semiconductors BLW76 Datasheet HTML 9Page - NXP Semiconductors BLW76 Datasheet HTML 10Page - NXP Semiconductors BLW76 Datasheet HTML 11Page - NXP Semiconductors BLW76 Datasheet HTML 12Page - NXP Semiconductors BLW76 Datasheet HTML 13Page - NXP Semiconductors BLW76 Datasheet HTML 14Page - NXP Semiconductors BLW76 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
August 1986
12
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW76
Fig.18 VCE = 28 V; f = 108 MHz; Th =25 °C.
handbook, halfpage
020
40
150
0
50
100
MGP515
PL
(W)
PS (W)
typ
Fig.19 VCE = 28 V; f = 108 MHz; Th =25 °C; typical
values.
handbook, halfpage
0
50
100
150
10
0
5
MGP516
η
Gp
Gp
(dB)
100
0
50
η
(%)
PL (W)
Fig.20 R.F. SOAR; c.w. class-B operation;
f = 108 MHz; VCE = 28 V; Rth mb-h = 0,2 K/W.
The graph shows the permissible output power
under nominal conditions (VSWR = 1) as a
function of the expected VSWR during short-time
mismatch conditions with heatsink temperatures
as parameter.
handbook, halfpage
150
100
50
MGP517
110
102
PLnom
(W)
(VSWR = 1)
VSWR
Th =
50
°C
70
°C
90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com