Electronic Components Datasheet Search
  English  ▼

X  

BLW76 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW76
Description  HF/VHF power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW76 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW76 Datasheet HTML 1Page - NXP Semiconductors BLW76 Datasheet HTML 2Page - NXP Semiconductors BLW76 Datasheet HTML 3Page - NXP Semiconductors BLW76 Datasheet HTML 4Page - NXP Semiconductors BLW76 Datasheet HTML 5Page - NXP Semiconductors BLW76 Datasheet HTML 6Page - NXP Semiconductors BLW76 Datasheet HTML 7Page - NXP Semiconductors BLW76 Datasheet HTML 8Page - NXP Semiconductors BLW76 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
August 1986
2
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW76
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for use in class-AB
or class-B operated high power
transmitters in the h.f. and v.h.f.
bands. The transistor presents
excellent performance as a linear
amplifier in the h.f. band. It is
resistance stabilized and is
guaranteed to withstand severe load
mismatch conditions. Transistors are
delivered in matched hFE groups.
The transistor has a 1
⁄2" flange
envelope with a ceramic cap. All
leads are isolated from the flange.
QUICK REFERENCE DATA
R.F. performance up to Th = 25 °C
Note
1. At 80 W P.E.P.
MODE OF OPERATION
VCE
V
IC(ZS)
A
f
MHz
PL
W
Gp
dB
η
%
d3
dB
s.s.b. (class-AB)
28
0,05
1,6
− 28
8
− 80 (P.E.P.)
> 13
> 35(1)
<−30
c.w. (class-B)
28
−
108
80
typ. 7,9
typ. 70
−
PIN CONFIGURATION
Fig.1 Simplified outline. SOT121B.
handbook, halfpage
MLA876
43
2
1
PINNING - SOT121B.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com