Electronic Components Datasheet Search
  English  ▼

X  

BLW80 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLW80
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW80 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLW80 Datasheet HTML 1Page - NXP Semiconductors BLW80 Datasheet HTML 2Page - NXP Semiconductors BLW80 Datasheet HTML 3Page - NXP Semiconductors BLW80 Datasheet HTML 4Page - NXP Semiconductors BLW80 Datasheet HTML 5Page - NXP Semiconductors BLW80 Datasheet HTML 6Page - NXP Semiconductors BLW80 Datasheet HTML 7Page - NXP Semiconductors BLW80 Datasheet HTML 8Page - NXP Semiconductors BLW80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
March 1993
2
Philips Semiconductors
Product specification
UHF power transistor
BLW80
DESCRIPTION
N-P-N silicon planar epitaxial
transistor intended for transmitting
applications in class-A, B or C in the
u.h.f. and v.h.f. range for nominal
supply voltages up to 13,5 V.
The resistance stabilization of the
transistor provides protection against
device damage at severe load
mismatch conditions.
The transistor is housed in a 1
⁄4"
capstan envelope with a ceramic cap.
QUICK REFERENCE DATA
R.F. performance up to Th =25 °C in an unneutralized common-emitter class-circuit.
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
η
%
zi
Ω
YL
mS
c.w.
12,5
470
4
>
8,0
>
60
2,1
+ j2,3
57
− j56
c.w.
12,5
175
4
typ. 15,0
typ. 60
2,0
− j2,2
51
−j48
PIN CONFIGURATION
Fig.1 Simplified outline. SOT122A.
handbook, halfpage
Top view
MBK187
3
1
2
4
PINNING - SOT122A.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com