Electronic Components Datasheet Search
  English  ▼

X  

BLW80 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLW80
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW80 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLW80 Datasheet HTML 1Page - NXP Semiconductors BLW80 Datasheet HTML 2Page - NXP Semiconductors BLW80 Datasheet HTML 3Page - NXP Semiconductors BLW80 Datasheet HTML 4Page - NXP Semiconductors BLW80 Datasheet HTML 5Page - NXP Semiconductors BLW80 Datasheet HTML 6Page - NXP Semiconductors BLW80 Datasheet HTML 7Page - NXP Semiconductors BLW80 Datasheet HTML 8Page - NXP Semiconductors BLW80 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
March 1993
3
Philips Semiconductors
Product specification
UHF power transistor
BLW80
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Collector-emitter voltage (VBE =0)
peak value
VCESM
max
36 V
Collector-emitter voltage (open base)
VCEO
max
17 V
Emitter-base voltage (open collector)
VEBO
max
4 V
Collector current (d.c.)
IC
max
1 A
Collector current (peak value); f
> 1 MHz
ICM
max
3 A
Total power dissipation (d.c. and r.f.) up to Tmb =25 °CPtot
max
17 W
Storage temperature
Tstg
−65 to +150
°C
Operating junction temperature
Tj
max
200
°C
Fig.2 D.C. soar.
110
102
handbook, halfpage
10
1
10−1
VCE (V)
IC
(A)
MGP938
Th = 70 °C
Tmb = 25 °C
Fig.3 R.F. power dissipation.
handbook, halfpage
0
50
100
0
30
MGP939
20
10
Th (°C)
Prf
(W)
short time operation
during mismatch
continuous operation
derate by
0.092 W/K
r.f. power dissipation
VCE ≤ 16.5 V
f
> 1 MHz
THERMAL RESISTANCE
From junction to mounting base
Rth j-mb
=
10,3 K/W
From mounting base to heatsink
Rth mb-h
=
0,6 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com