Electronic Components Datasheet Search
  English  ▼

X  

FE3H Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FE3H
Description  Super Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE3H Datasheet(HTML) 1 Page - Diotec Semiconductor

  FE3H Datasheet HTML 1Page - Diotec Semiconductor FE3H Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø 4.5
±0.1
Ø 1.2
±0.05
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
1
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
96
01.01.99
Diotec
FE 3A … FE 3H
Super Fast Silicon Rectifiers
Superschnelle Silizium Gleichrichter
Nominal current – Nennstrom
3 A
Repetitive peak reverse voltage
50…400 V
Periodische Spitzensperrspannung
Plastic case
~ DO-201
Kunststoffgehäuse
Weight approx. – Gewicht ca.
1.0 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
see page 17
Dimensions / Maße in mm
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 17
Maximum ratings
Grenzwerte
Type
Repetitive peak reverse voltage
Surge peak reverse voltage
Typ
Periodische Spitzensperrspannung
Stoßspitzensperrspannung
V
[V]
V
[V]
RRM
RSM
FE 3A
50
50
FE 3B
100
100
FE 3C
150
150
FE 3D
200
200
FE 3E
250
250
FE 3F
300
300
FE 3G
350
350
FE 3H
400
400
Max. average forward rectified current, R-load
T = 50°C
I
3 A )
A
FAV
1
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
30 A )
FRM
1
Periodischer Spitzenstrom
Rating for fusing, t < 10 ms
T = 25°C
i t
78 A s
A
2
2
Grenzlastintegral, t < 10 ms
Peak forward surge current, single half sine-wave
T = 25°C
I
30 A
A
FSM
Stoßstrom für eine 50 Hz Sinus-Halbwelle


Similar Part No. - FE3H

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
FE3-120B OMEGA-FE3-120B Datasheet
228Kb / 1P
medium temperature constant wattage heating cable
FE3-240B OMEGA-FE3-240B Datasheet
228Kb / 1P
medium temperature constant wattage heating cable
logo
Frontier Electronics.
FE30-005 FRONTIER-FE30-005 Datasheet
129Kb / 2P
3A FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
FE30-005 NJSEMI-FE30-005 Datasheet
103Kb / 1P
3A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE30-005-LFR FRONTIER-FE30-005-LFR Datasheet
129Kb / 2P
3A FAST EFFICIENT RECTIFIER
More results

Similar Description - FE3H

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE3A DIOTEC-FE3A Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE6A DIOTEC-FE6A Datasheet
151Kb / 2P
Super Fast Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF32 YFWDIODE-SF32_V01 Datasheet
564Kb / 3P
Super Fast Silicon Rectifiers
SF52 YFWDIODE-SF52_V01 Datasheet
566Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G Datasheet
567Kb / 3P
Super Fast Silicon Rectifiers
SF62 YFWDIODE-SF62_V01 Datasheet
434Kb / 3P
Super Fast Silicon Rectifiers
SF62G YFWDIODE-SF62G Datasheet
427Kb / 3P
Super Fast Silicon Rectifiers
SR84E YFWDIODE-SR84E_V01 Datasheet
437Kb / 3P
Super Fast Silicon Rectifiers
SRA4E YFWDIODE-SRA4E_V01 Datasheet
436Kb / 3P
Super Fast Silicon Rectifiers
SF52G YFWDIODE-SF52G_V01 Datasheet
361Kb / 3P
Super Fast Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com