Electronic Components Datasheet Search
  English  ▼

X  

FE3H Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FE3H
Description  Super Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE3H Datasheet(HTML) 2 Page - Diotec Semiconductor

  FE3H Datasheet HTML 1Page - Diotec Semiconductor FE3H Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
1
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
97
01.01.99
Diotec
Forward characteristic (typical values)
Durchlaßkennlinie (typische Werte)
Rated forward current vs. ambient temperature )
1
Zulässiger Richtstrom in Einwegschaltung in
Abhängigkeit von der Umgebungstemperatur )
1
FE 3A … FE 3H
Operating junction temperature – Sperrschichttemperatur
T
– 50…+175°C
j
Storage temperature – Lagerungstemperatur
T
– 50…+175°C
S
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T = 25°C
I = 3 A
V
< 0.95 V
j
F
F
Leakage current – Sperrstrom
T = 25°C
V = V
I
< 5 µA
j
R
RRM
R
Reverse recovery time
I = 0.5 A through/über
t
<50 ns
F
rr
Sperrverzug
I = 1 A to/auf I = 0.25 A
R
R
Thermal resistance junction to ambient air
R
< 25 K/W )
thA
1
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com