Electronic Components Datasheet Search
  English  ▼

X  

ADL5317 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5317
Description  Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5317 Datasheet(HTML) 3 Page - Analog Devices

  ADL5317 Datasheet HTML 1Page - Analog Devices ADL5317 Datasheet HTML 2Page - Analog Devices ADL5317 Datasheet HTML 3Page - Analog Devices ADL5317 Datasheet HTML 4Page - Analog Devices ADL5317 Datasheet HTML 5Page - Analog Devices ADL5317 Datasheet HTML 6Page - Analog Devices ADL5317 Datasheet HTML 7Page - Analog Devices ADL5317 Datasheet HTML 8Page - Analog Devices ADL5317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADL5317
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VPHV = 78 V, VPLV = 5 V, VAPD = 60 V, IAPD = 5 μA, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
CURRENT MONITOR OUTPUT
IPDM (Pin 11)
Current Gain from VAPD to IPDM
0.198
0.200
0.202
A/A
TA = 25
°C
0.193
0.207
−40
°C < T
A
< +85
°C
0.25
1.6
%
10 nA < IAPD < 1 mA
Nonlinearity
0.5
3.0
%
5 nA < IAPD < 5 mA
2
kHz
IAPD = 5 nA, VPHV = 60 V, VAPD = 30 V
Small-Signal Bandwidth
2
MHz
IAPD = 5 μA, VPHV = 60 V, VAPD = 30 V
Wideband Noise at IPDM
10
nA
IAPD = 5 μA, CGRD = 2 nF, BW = 10 MHz,
VPHV = 40 V, VAPD = 30 V
0
VPLV
V
VAPD > 3
× VPLV
Output Voltage Range
0
VAPD / 3
V
VAPD < 3
× VPLV
APD BIAS CONTROL
VSET (Pin 2), VAPD (Pin 8)
6
VPHV − 1.5
V
10 V < VPHV < 41 V
VPHV − 35
VPHV − 1.5
V
41 V < VPHV < 76.5 V
Specified VAPD Voltage Operating Range
VPHV − 35
75
V
76.5 V < VPHV < 80 V
VAPD to GARD Offset
3
mV
Specified Input Current Range, IAPD
5n
5m
A
Flows from VAPD pin
VSET to VAPD Incremental Gain
29.7
30
30.3
V/V
0.2 V < VSET < 2.5 V1
VSET Input Referred Offset, 1σ
0.5
mV
VSET Voltage Range
0.2
5.5
V
Incremental Input Resistance at VSET
100
MΩ
VSET = 2.0 V
Input Bias Current at VSET
0.3
μA
VSET = 2.0 V, flows from VSET pin
20
μsec
VSET = 1.6 V to 2.4 V, CGRD = 2 nF, VPHV = 60 V,
VAPD = 30 V
VAPD Settling Time, 5%
100
μsec
VSET = 2.4 V to 1.6 V, CGRD = 2 nF, VPHV = 60 V,
VAPD = 30 V
VAPD Supply Tracking Offset (Below VPHV)
1.90
2.0
2.15
V
VSET = 5.0 V, 10 V < VPHV < 77 V
OVERSTRESS PROTECTION
FALT (Pin 1)
VAPD Current Compliance Limit
14
18
21
mA
VSET = 2.0 V, VAPD deviation of 500 mV
Thermal Shutdown Trip Point
140
°C
Die temperature rising
Thermal Hysteresis
20
°C
FALT Output Low Voltage
0.8
V
Fault condition, load current < 1 mA
POWER SUPPLIES
VPHV (Pin 4, Pin 5), VPLV (Pin 3)
Low Voltage Supply
4
6
V
VPLV
Quiescent Current
0.7
0.84
mA
Independent of IAPD
High Voltage Supply
10
80
V
VPHV
Quiescent Current
2.3
2.9
mA
IAPD = 5 μA, VAPD = 60 V
3.6
4.5
mA
IAPD = 1 mA, VAPD = 60 V
1 Tested 1.5 V < VSET < 2.5 V, guaranteed operation 0.2 V < VSET < 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com