Electronic Components Datasheet Search
  English  ▼

X  

AD5062 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5062
Description  Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5062 Datasheet(HTML) 5 Page - Analog Devices

  AD5062 Datasheet HTML 1Page - Analog Devices AD5062 Datasheet HTML 2Page - Analog Devices AD5062 Datasheet HTML 3Page - Analog Devices AD5062 Datasheet HTML 4Page - Analog Devices AD5062 Datasheet HTML 5Page - Analog Devices AD5062 Datasheet HTML 6Page - Analog Devices AD5062 Datasheet HTML 7Page - Analog Devices AD5062 Datasheet HTML 8Page - Analog Devices AD5062 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
AD5062/AD5603
Rev. Pr B | Page 5 of 17
ABSOLUTE MAXIMUM RATINGS
Table 1. Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Parameter
Rating
VDD to GND
–0.3 V to + 7.0 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
VOUT to GND1
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Maximum Junction Temperature
150°C
SOT23 Package
Power Dissipation
(Tj Max-Ta)/ θJA
θJA Thermal Impedance
240°C/W
Lead Temperature, Soldering
Vapour Phase (60 Sec)
215°C
Infrared (15 Sec)
220°C
uSOIC Package
θJA Thermal Impedance
206°C/W
θJc Thermal Impedance
44°C/W
Lead Temperature, Soldering
Vapour Phase (60 Sec)
215°C
Infrared (15 Sec)
220°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
This device is a high performance RF integrated circuit with an ESD rating of <2 kV, and it is ESD sensitive. Proper precautions should be
taken for handling and assembly.
Model
Temperature
Range
INL
Description
Package
Options
AD5062BRJ-1
-40OC to 125 OC
1 LSB
2.7-5.5V, Reset to Zero
RT8
AD5062BRJ-2
-40OC to 125 OC
1 LSB
2.7-5.5V, Reset to Mid
RT8
AD5062BRJ-3
-40OC to 125 OC
2 LSB
2.7-5.5V, Reset to Zero
RT8
AD5063BRM-1
-40OC to 125 OC
1 LSB
2.7-5.5V, Reset to Zero
RM-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com