Electronic Components Datasheet Search
  English  ▼

X  

AD5062 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5062
Description  Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5062 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5062 Datasheet HTML 9Page - Analog Devices AD5062 Datasheet HTML 10Page - Analog Devices AD5062 Datasheet HTML 11Page - Analog Devices AD5062 Datasheet HTML 12Page - Analog Devices AD5062 Datasheet HTML 13Page - Analog Devices AD5062 Datasheet HTML 14Page - Analog Devices AD5062 Datasheet HTML 15Page - Analog Devices AD5062 Datasheet HTML 16Page - Analog Devices AD5062 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD5062/AD5063
Preliminary Technical Data
Rev. Pr B | Page 16 of 17
Figure 31. The power supply to the part also needs to be
isolated. This is done by using a transformer. On the DAC side
of the transformer, a +5 V regulator provides the +5 V supply
required for the AD5062/AD5063.
0.1. F
+5V
REGULATOR
VOUT
GND
DIN
SCLK
POWER
10. F
VDD
SCLK
DATA
DAC
SDI
ADMu103x
SDI
V1A
V1B
V1C
VOA
VOB
VOC
Figure 31. AD5062/AD5063 with An Opto-Isolated Interface
Power Supply Bypassing and Grounding
When accuracy is important in a circuit it is helpful to carefully
consider the power supply and ground return layout on the
board. The printed circuit board containing the
AD5062/AD5063 should have separate analog and digital
sections, each having its own area of the board. If the
AD5062/AD5063 is in a system where other devices require an
AGND to DGND connection, the connection should be
made at one point only. This ground point should be
as close as possible to the AD5062/AD5063.
The power supply to the AD5062/AD5063 should be
bypassed with
10 µF and 0.1 µF capacitors. The capacitors should be
physically as close as possible to the device with the 0.1 µF
capacitor ideally right up against the device. The 10 µF
capacitors are the tantalum bead type. It is important that the
0.1 µF capacitor has low Effective Series Resistance (ESR) and
Effective Series Inductance (ESI), e.g., common ceramic types
of capacitors. This 0.1 µF capacitor provides a low impedance
path to ground for high frequencies caused by transient
currents due to internal logic switching.
The power supply line itself should have as large a trace as
possible to provide a low impedance path and reduce glitch
effects on the supply line. Clocks and other fast switching
digital signals should be shielded from other parts of
the board by digital ground. Avoid crossover of digital and
analog signals if possible. When traces cross on opposite sides
of the board, ensure that they run at right angles to each other
to reduce feedthrough effects through the board. The best
board layout technique is the microstrip technique where the
component side of the board is dedicated to the ground plane
only and the signal traces are placed on the solder side.
However, this is not always possible with a two-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com