Electronic Components Datasheet Search
  English  ▼

X  

SY89531L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89531L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89531L Datasheet HTML 5Page - Micrel Semiconductor SY89531L Datasheet HTML 6Page - Micrel Semiconductor SY89531L Datasheet HTML 7Page - Micrel Semiconductor SY89531L Datasheet HTML 8Page - Micrel Semiconductor SY89531L Datasheet HTML 9Page - Micrel Semiconductor SY89531L Datasheet HTML 10Page - Micrel Semiconductor SY89531L Datasheet HTML 11Page - Micrel Semiconductor SY89531L Datasheet HTML 12Page - Micrel Semiconductor SY89531L Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL DESCRIPTION
At the core of the SY89531L clock synthesizer is a
precision PLL driven by 14MHz to 18MHz series resonant
crystal. For users who wish to supply a TTL or LVPECL
clock input, please use the SY89536L. The PLL output is
sent to three banks of outputs. Each bank has its own
programmable frequency divider, and the design is optimized
to provide very low skew between banks, and very low
jitter.
PLL Programming and Operation
IMPORTANT: If the internal VCO will be used, VCO_SEL
must be tied LOW, and ExtVCO pins can be left
unconnected.
The internal VCO range is 600MHz to 1000MHz, and the
feedback ratio is selectable via the MSEL divider control
(M3:0 pins). The VCO_SEL pin must be tied low. The
feedback ratio can be changed without powering the chip
down. The PLL output is fed to three banks of outputs:
Bank A, Bank B, and Bank C. Banks A and C each have
two differential LVPECL output pairs. Bank B has nine
differential HSTL output pairs.
Each bank has a separate frequency divider circuit that
can be reprogrammed on the fly. The FSEL_x0:2 (where x
is A, B, or C) pins control the divider value. The FSEL
divider can be programmed in ratios from 2 to 18, and the
outputs of Banks A, B, and C can be synchronized after
programming by pulsing the OUT_SYNC pin HIGH-LOW-
HIGH. Setting a value of 000 for FSEL is an output disable
forcing the Q outputs to be LOW and the /Q outputs to be
HIGH. Doing so will decrease power consumption by
approximately 5mA per bank.
To determine the correct settings for the SY89531L follow
these steps:
1. Refer to the
“Suggested Selections for Specific
Customer Applications” section for common applications,
as well as the formula used to compute the output
frequency.
2. Determine the desired output frequency, such as
66MHz.
3. Choose a crystal frequency between 14MHz and 18MHz.
In this example, we choose 18MHz for the crystal
frequency. This results in an input/output ratio of 66/18.
4. Refer to the
“Feedback Divide Select” table and the
“Post-Divide Frequency Select” table to find values for
MSEL and FSEL such that MSEL/FSEL equals the same
66/18 ratio. In this example, values of MSEL=44 and
FSEL=12 work.
5. Make sure that XTAL (the crystal frequency) multiplied
by MSEL is between 600MHz and 1000MHz.
The user may need to experiment with different crystal
frequencies to satisfy these requirements.
ExtVCO Input Interface
The flexible ExtVCO inputs are designed to accept any
differential or single-ended input signal within 300mV above
VCC and 300mV below ground.
Do not leave unused ExtVCO inputs floating. Tie either
the true or complement inputs to ground, but not both. A
logic zero is achieved by connecting the complement input
to ground with the true input floating. For a TTL input, see
“Input Interface for ExtVCO Pins” section, Figures 5a
through 5h.
Input Levels
LVDS, CML and HSTL differential signals may be
connected directly to the ExtVCO inputs. Depending on the
actual worst case voltage seen, the minimum input voltage
swing varies.
R2
990
Ω
R2
990
Ω
R1
825
Ω
R1
825
Ω
GND
EXTVCO
VCC
/EXTVCO
Figure 1. Simplified Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com