Electronic Components Datasheet Search
  English  ▼

X  

SY89531L Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY89531L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531L Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY89531L Datasheet HTML 8Page - Micrel Semiconductor SY89531L Datasheet HTML 9Page - Micrel Semiconductor SY89531L Datasheet HTML 10Page - Micrel Semiconductor SY89531L Datasheet HTML 11Page - Micrel Semiconductor SY89531L Datasheet HTML 12Page - Micrel Semiconductor SY89531L Datasheet HTML 13Page - Micrel Semiconductor SY89531L Datasheet HTML 14Page - Micrel Semiconductor SY89531L Datasheet HTML 15Page - Micrel Semiconductor SY89531L Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
INPUT INTERFACE FOR EXTVCO PINS
EXTVCO
/EXTVCO
SY89531L
TTL
LVTTL
1%
VCC(DRIVER)
VCC ≥ VCC(DRIVER)
Figure 5a. 3.3V “TTL”
CML
EXTVCO
/EXTVCO
VCC(DRIVER)
VCC ≥ VCC(DRIVER)
102
Ω
1%
SY89531L
Figure 5b. CML DC-Coupled
EXTVCO
/EXTVCO
SY89531L
2.5V
LVTTL
1%
2.3V to 2.7V
3.0V to 3.6V
Figure 5c. 2.5V “LVTTL”
EXTVCO
/EXTVCO
50
Ω
1%
50
Ω
1%
VCC(DRIVER)
VCC ≥ VCC(DRIVER)
SY89531L
VCC—2V
PECL
Figure 5d. 3.3V LVPECL DC-Coupled
HSTL
EXTVCO
/EXTVCO
SY89531L
VCC
50
Ω 50Ω
Figure 5e. HSTL
EXTVCO
/EXTVCO
3.92k
Ω
1%
3.92k
Ω
1%
102
Ω
1%
VCC(DRIVER)
VCC
SY89531L
CML
Figure 5f. CML AC-Coupled (Short Trace Lengths)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com