Electronic Components Datasheet Search
  English  ▼

X  

ADG1234 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG1234
Description  Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1234 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG1234 Datasheet HTML 8Page - Analog Devices ADG1234 Datasheet HTML 9Page - Analog Devices ADG1234 Datasheet HTML 10Page - Analog Devices ADG1234 Datasheet HTML 11Page - Analog Devices ADG1234 Datasheet HTML 12Page - Analog Devices ADG1234 Datasheet HTML 13Page - Analog Devices ADG1234 Datasheet HTML 14Page - Analog Devices ADG1234 Datasheet HTML 15Page - Analog Devices ADG1234 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADG1233/ADG1234
Rev. A | Page 16 of 16
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
2.25
2.10 SQ
1.95
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.35
0.30
0.25
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.25 MIN
0.75
0.60
0.50
Figure 37. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
1
20
5
6
11
16
15
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BCS SQ
4.00
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
PIN 1
INDICATOR
Figure 38. 20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-20-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG1233YRUZ1
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG1233YRUZ-REEL71
−40°C to +125°C
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
ADG1233YCPZ-REEL1
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
ADG1233YCPZ-REEL71
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-16-4
ADG1234YRUZ1
−40°C to +125°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG1234YRUZ-REEL71
−40°C to +125°C
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
ADG1234YCPZ-REEL1
−40°C to +125°C
20-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-20-1
ADG1234YCPZ-REEL71
−40°C to +125°C
20-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-20-1
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05743-0-8/06(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com