Electronic Components Datasheet Search
  English  ▼

X  

ADG1234 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1234
Description  Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1234 Datasheet(HTML) 3 Page - Analog Devices

  ADG1234 Datasheet HTML 1Page - Analog Devices ADG1234 Datasheet HTML 2Page - Analog Devices ADG1234 Datasheet HTML 3Page - Analog Devices ADG1234 Datasheet HTML 4Page - Analog Devices ADG1234 Datasheet HTML 5Page - Analog Devices ADG1234 Datasheet HTML 6Page - Analog Devices ADG1234 Datasheet HTML 7Page - Analog Devices ADG1234 Datasheet HTML 8Page - Analog Devices ADG1234 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1233/ADG1234
Rev. A | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Y Version1
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
120
Ω typ
VS = ±10 V, IS = −1 mA; see Figure 24
190
230
260
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
Channels (∆RON)
3.5
Ω typ
VS = ±10 V, IS = −1 mA
6
10
12
Ω max
On Resistance Flatness (RFLAT (ON))
20
Ω typ
VS = −5 V, 0 V, +5 V; IS = −1 mA
60
72
79
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage IS (Off )
±0.02
nA typ
VD = ±10 V, VS = −10 V; see Figure 25
±0.1
±0.6
±1
nA max
Drain Off Leakage ID (Off )
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
see Figure 25
±0.1
±0.6
±1
nA max
Channel On Leakage ID, IS (On)
±0.02
nA typ
VS = VD = ±10 V; see Figure 26
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
±0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tTRANSITION
110
ns typ
RL = 300 Ω, CL = 35 pF
130
150
170
ns max
VS = 10 V; see Figure 27
tBBM
25
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = +10 V; see Figure 28
tON (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
140
170
195
ns max
VS = 10 V; see Figure 29
tOFF (EN)
40
ns typ
RL = 300 Ω, CL = 35 pF
45
55
60
ns max
VS = 10 V; see Figure 29
Charge Injection
0.5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF;
see Figure 30
Off Isolation
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 31
Channel-to-Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 33
Total Harmonic Distortion, THD + N
0.14
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to
20 kHz; see Figure 34
−3 dB Bandwidth
900
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 32
CS (Off )
1.5
pF typ
f = 1 MHz; VS = 0 V
1.7
pF max
f = 1 MHz; VS = 0 V
CD (Off )
1.6
pF typ
f = 1 MHz; VS = 0 V
1.8
pF max
f = 1 MHz; VS = 0 V
CD, CS (On)
3.5
pF typ
f = 1 MHz; VS = 0 V
4
pF max
f = 1 MHz; VS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com