Electronic Components Datasheet Search
  English  ▼

X  

ADM1041A Datasheet(PDF) 39 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 39 Page - Analog Devices

Back Button ADM1041A Datasheet HTML 35Page - Analog Devices ADM1041A Datasheet HTML 36Page - Analog Devices ADM1041A Datasheet HTML 37Page - Analog Devices ADM1041A Datasheet HTML 38Page - Analog Devices ADM1041A Datasheet HTML 39Page - Analog Devices ADM1041A Datasheet HTML 40Page - Analog Devices ADM1041A Datasheet HTML 41Page - Analog Devices ADM1041A Datasheet HTML 42Page - Analog Devices ADM1041A Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADM1041A
Rev. 0 | Page 39 of 56
DETAILED REGISTER DESCRIPTIONS
Table 9. Register 00h, Status1. Power-On Default XXh (refer to the logic schematic in Figure 24 and to Table 43.)
Bit No.
Name
R/W
Description
7
OV Fault
R
1= Overvoltage fault has occurred.
6
UV Fault
R
1= Undervoltage fault has occurred.
5
OCP Timeout
R
1= Overcurrent has occured and timed out (ocpf is in the Status3 Register).
4
Mon1 Flag
R
1= MON1 flag.
3
Mon2 Flag
R
1= MON2 flag.
2
Mon3 Flag
R
1= MON3 flag.
1
Mon4 Flag
R
1= MON4 flag.
0
Mon5 Flag
R
1= MON5 flag.
Table 10. Register 01h, Status2. Power-On Default XXh (refer to the logic schematic in Figure 24 and to Table 43.)
Bit No.
Name
R/W
Description
7
Share_OK
R
1= Current share is within limits.
6
OrFET_OK
R
1= OR’ing MOSFET is on.
5
REVERSE_OK
R
1= Reverse OK—reverse voltage across the ORing MOSFET is within limits.
4
VDD_OK
R
1= VDD is within limits.
3
GND_OK
R
1= Connection of GND pin is good.
2
Intref_OK
R
1= Internal voltage reference is within limits.
1
Extrefok_OK
R
1= External voltage reference is within limits.
0
VDDOV
R
1= VDD is above its OV threshold.
Table 11. Register 02h, Status3. Power-On Default XXh (refer to the logic schematic in Figure 24 and to Table 43.)
Bit No.
Name
R/W
Description
7
m_acsns_r
R
Reflects the status on ACSENSE1/ACSENSE2.
6
m_pson_r
R
Reflects the status of PSON.
5
m_penok_r
R
Reflects the status of PEN.
4
m_psonok_r
R
Status of PSONLINK.
3
m_DC_OK_r
R
Status of DC_OK.
2
ocpf
R
1= An overcurrent has occured, direct from comparator.
1
PULSE_OK
R
1= Pulses are present at the PULSE pin.
0
fault
R
1= Fault latch.
Table 12. Register 03h, Calibration Bits. Power-On Default from EEPROM Register 8103h During Power-Up
Bit No.
Name
R/W
Description
7–6
Reverse Voltage Off Threshold
R/W
Reverse Voltage Detector Turn-Off Threshold:
b7
b6
Function
0
0
100 mV
0
1
150 mV
1
0
200 mV
1
1
250 mV
5–4
Reverse Voltage On Threshold
R/W
Reverse Voltage Detector Turn On Threshold:
b5
b4
Function
0
0
20 mV
0
1
30 mV
1
0
40 mV
1
1
50 mV
3
PEN_GATE
R/W
Gate pen option. When set, PEN is gated by AC_OK.
2
Gate Ramp
R/W
Gate ramp option. When set, soft start is gated by AC_OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com