Electronic Components Datasheet Search
  English  ▼

X  

ADM1041A Datasheet(PDF) 49 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 49 Page - Analog Devices

Back Button ADM1041A Datasheet HTML 45Page - Analog Devices ADM1041A Datasheet HTML 46Page - Analog Devices ADM1041A Datasheet HTML 47Page - Analog Devices ADM1041A Datasheet HTML 48Page - Analog Devices ADM1041A Datasheet HTML 49Page - Analog Devices ADM1041A Datasheet HTML 50Page - Analog Devices ADM1041A Datasheet HTML 51Page - Analog Devices ADM1041A Datasheet HTML 52Page - Analog Devices ADM1041A Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ADM1041A
Rev. 0 | Page 49 of 56
MICROPROCESSOR SUPPORT
Possible ways to turn the ADM1041A on or off in response to a system request or a fault include the following:
•
Daisy-chaining other ADM1041A PSON pins to the PEN pin, which is controlled by PSON on one ADM1041A.
•
Use a microprocessor to control the PSON, the system interface, and any shutdowns due to faults.
•
Connect all AC_OKLink pins together and connect all PSONLINK pins together. These pins must be configured appropriately.
Flags appended with _L are latched (Registers 2Ah/2Bh/2Ch). The latch is reset when the flag is read, except when the fault is still present.
It is advisable to continue reading the flag(s) until the fault(s) have cleared.
Table 43.
Mnemonic
Description
Register
Bit
Read/Write
m_pson_r
Allows the microprocessor to read the state of PSON. This allows only one
ADM1041A to be configured as the PSON interface to the host system.
02h
6
Read-only
Micro PS_ON
Allows the microprocessor to write to control the PSON function of each
ADM1041A. When in microprocessor support mode, the principle
configuration for controlling power-on/power-off is as follows. One
ADM1041A is configured as the interface to the host system through the
standard PSON pin. This pin is configured not to write through to the PSON
debounce block. The microprocessor polls the status of this ADM1041A by
reading m_pson_r. Debouncing is done by the microprocessor. If m_pson_r
changed state, the microprocessor writes the new state to m_pson_w in all
ADM1041As on the SMBus. If a fault occurs on any output, the SMBAlert
interrupt requests microprocessor attention. If this means turning all
ADM1041As off, this is done by writing a zero to the m_pson_w bit.
12h
1
Read/Write
m_acsns_r
Allows the microprocessor to read the state of ACSENSE1/ACSENSE2. This allows
one ADM1041A to be configured as the interface to the host power supply.
02h
7
Read-only
Micro AC SENSE
Allows the microprocessor to write to control the ACSENSE function of each
ADM1041A. When in microprocessor support mode the principle configuration
for controlling AC_OK, undervoltage blanking, PEN gating, and RAMP/SS
gating is as follows. One ADM1041A is configured to be the interface with the
host power supply AC monitoring circuitry. This ADM1041A can be configured
so that the acsns signal is written through or would not be written through.
Regardless, the microprocessor monitors m_acsns_r and write to m_acsns_w
as appropriate. Because it is possible to sense but not to write through, it is
possible to configure a second ADM1041A to monitor a second ac or bulk
voltage.
12h
5
Read/Write
Micro Share Clamp
Allows the μP to write directly to m_shr_clmp to control when the ISHARE
clamp is released. During a hot-swap insertion, there may be a need to delay
the release of the ISHARE clamp. This allows the designer an option over the
default release at 75% or 88% of the reference ramp (soft start).
13h
2
Read/Write
Micro CBD Write
Allows the microprocessor to write directly to CBD as a possible way of adding
an additional output port. This might be for blinking LEDs or as a fault signal to
the system.
13h
1
Read/Write
Micro CBD Clear
Allows the microprocessor to clear the CBD latch following an SMBalert. If CBD
is configured to be latching, there may be circumstances that lead to
CBD/SMBAlert being set by, for example, one of the MON flags, but does not
lead to PSON being cycled and CBD being reset. In this case, the
microprocessor needs to write directly to CBD to reset the latch.
13h
0
Read/Write
Mon5 Flag
This flag indicates the status of the MON5 pin.
00h
0
Read-only
Mon4 Flag
This flag indicates the status of the MON4 pin.
00h
1
Read-only
Mon3 Flag
This flag indicates the status of the MON3 pin.
00h
2
Read-only
Mon2 Flag
This flag indicates the status of the MON2 pin.
00h
3
Read-only
Mon1 Flag
This flag indicates the status of the MON1 pin.
00h
4
Read-only
OCP Timeout
If this flag is high, an overcurrent has occurred and timed out.
00h
5
Read-only
UV Fault
If this flag is high, an undervoltage has been sensed
00h
6
Read-only
OV Fault
If this flag is high, an overvoltage has been sensed.
00h
7
Read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com