Electronic Components Datasheet Search
  English  ▼

X  

1407430 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407430
Description  NBC-MS/ 1,0-94B/R4QC SCO - Network cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407430 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407430 Datasheet HTML 1Page - PHOENIX CONTACT 1407430 Datasheet HTML 2Page - PHOENIX CONTACT 1407430 Datasheet HTML 3Page - PHOENIX CONTACT 1407430 Datasheet HTML 4Page - PHOENIX CONTACT 1407430 Datasheet HTML 5Page - PHOENIX CONTACT 1407430 Datasheet HTML 6Page - PHOENIX CONTACT 1407430 Datasheet HTML 7Page - PHOENIX CONTACT 1407430 Datasheet HTML 8Page - PHOENIX CONTACT 1407430 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5 (1 Gbps), 8-position, shielded, Plug straight M12, coding: A
SPEEDCON / IP67, on Plug straight RJ45 Push Pull / IP67, cable length: 1 m
Commercial Data
Item number
1407430
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
BF04
Product Key
BF1CMI
Catalog Page
Page 401 (C-2-2019)
GTIN
4046356775526
Weight per Piece (including packing)
95 g
Weight per Piece (excluding packing)
95 g
Customs tariff number
85444210
Country of origin
PL
NBC-MS/ 1,0-94B/R4QC SCO - Network cable
1407430
https://www.phoenixcontact.com/us/products/1407430
Jul 11, 2023, 5:02 AM
Page 1 (18)


Similar Part No. - 1407430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407431 PHOENIX-1407431 Datasheet
664Kb / 18P
NBC-MS/ 2,0-94B/R4QC SCO - Network cable
1407432 PHOENIX-1407432 Datasheet
707Kb / 18P
NBC-MS/ 5,0-94B/R4QC SCO - Network cable
1407433 PHOENIX-1407433 Datasheet
709Kb / 19P
NBC-MS/10,0-94B/R4QC SCO - Network cable
1407434 PHOENIX-1407434 Datasheet
180Kb / 11P
Network cable - NBC-MS/ 1,0-94B/MS SCO
09/11/2020
1407435 PHOENIX-1407435 Datasheet
577Kb / 17P
NBC-MS/ 2,0-94B/MS SCO - Network cable
More results

Similar Description - 1407430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407404 PHOENIX-1407404 Datasheet
234Kb / 16P
Network cable - NBC-MS/ 1,0-94B SCO
09/11/2020
1407434 PHOENIX-1407434 Datasheet
180Kb / 11P
Network cable - NBC-MS/ 1,0-94B/MS SCO
09/11/2020
1407439 PHOENIX-1407439 Datasheet
236Kb / 16P
Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
1407463 PHOENIX-1407463 Datasheet
208Kb / 14P
Network cable - NBC-MS/ 1,0-94B/FS SCO
09/11/2020
1407414 PHOENIX-1407414 Datasheet
611Kb / 17P
NBC-MS/ 1,0-94B/R4AC SCO - Network cable
1407426 PHOENIX-1407426 Datasheet
707Kb / 18P
NBC-MS/ 1,0-94B/R4RC SCO - Network cable
1407432 PHOENIX-1407432 Datasheet
707Kb / 18P
NBC-MS/ 5,0-94B/R4QC SCO - Network cable
1407459 PHOENIX-1407459 Datasheet
706Kb / 18P
NBC-FS/ 1,0-94B/R4QC SCO - Network cable
1408965 PHOENIX-1408965 Datasheet
395Kb / 10P
NBC-R4QC/1,0-94B/R4QC - Network cable
1407433 PHOENIX-1407433 Datasheet
709Kb / 19P
NBC-MS/10,0-94B/R4QC SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com