Electronic Components Datasheet Search
  English  ▼

X  

1407430 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1407430
Description  NBC-MS/ 1,0-94B/R4QC SCO - Network cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407430 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1407430 Datasheet HTML 1Page - PHOENIX CONTACT 1407430 Datasheet HTML 2Page - PHOENIX CONTACT 1407430 Datasheet HTML 3Page - PHOENIX CONTACT 1407430 Datasheet HTML 4Page - PHOENIX CONTACT 1407430 Datasheet HTML 5Page - PHOENIX CONTACT 1407430 Datasheet HTML 6Page - PHOENIX CONTACT 1407430 Datasheet HTML 7Page - PHOENIX CONTACT 1407430 Datasheet HTML 8Page - PHOENIX CONTACT 1407430 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Data
Notes
General
Further products with variable cable type and variable cable
length can be found in the accessories section
Product properties
Product type
Data cable preassembled
Sensor type
Ethernet
Number of positions
8
Application
Standard
Shielded
yes
Coding
A
Interfaces
Bus system
Ethernet
Signal type/category
Ethernet CAT5 (on the basis of IEC 11801), 1 Gbps
Signaling
Status display
No
Status display present
No
Electrical properties
30 V AC
Nominal voltage UN
30 V DC
Nominal current IN
1 A
Transmission medium
Copper
Transmission characteristics (category)
CAT5 (IEC 11801:2002)
Material specifications
Color Handle area
black
Connector
Connection 1
Type
Plug straight M12 SPEEDCON / IP67
Number of positions
8
Coding type
A (Standard)
Handle color
black
CuZn (Contact)
Ni/Au (Contact surface)
TPU GF (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Zinc die-cast, nickel-plated (Screw connection)
Insertion/withdrawal cycles
≥ 100
NBC-MS/ 1,0-94B/R4QC SCO - Network cable
1407430
https://www.phoenixcontact.com/us/products/1407430
Jul 11, 2023, 5:02 AM
Page 2 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com