Electronic Components Datasheet Search
  English  ▼

X  

CS51220 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor CS51220 Datasheet HTML 10Page - ON Semiconductor CS51220 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CS51220
http://onsemi.com
7
−
+
−
+
+
−
−
+
−
+
−
+
−
+
VCC
DISABLE
UVL Comparator
VREF = 3.3 V
VREF COMP
Soft
Hiccup
ISENSE
ISET
COMP
200 mV
+
−
GND
FF
SYNCO
VSD
SYNCI
CT
OSC
S
R
Q
UV COMP
1.0 V
2.0 V
VO
UV
OV
SS
0.3 V
VREF
Charge
Off
3.1 V
SS
Clamp
Fault
Latch
S
RQ
Q
SS
COMP
SET DOMINANT
OV COMP
CLK
OC
Ifoldback
ILIM
SS
1.3 V
MIN
PWM COMP
X0.94
−
+
SS low
Figure 2. Block Diagram
Discharge
RESET DOMINANT
SS low
SS
SS
Discharge
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com