Electronic Components Datasheet Search
  English  ▼

X  

CS51220 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor CS51220 Datasheet HTML 10Page - ON Semiconductor CS51220 Datasheet HTML 11Page - ON Semiconductor CS51220 Datasheet HTML 12Page - ON Semiconductor CS51220 Datasheet HTML 13Page - ON Semiconductor CS51220 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS51220
http://onsemi.com
10
The block diagram of the soft hiccup circuit is shown in
Figure 5. When overcurrent occurs and the SS is above 2.9 V,
the OC pulses set the OC latch. The output of the OC latch
turns on the OC delay discharge current to ramp down the SS
voltage. This SS discharge ramp down is at a rate of 50 μA
while the SS voltage is above 2.8 V. The level between 2.9 V
and 2.8 V is called the hiccup delay discharge voltage. The
time to cross this voltage creates a short delay. This delay is
useful so that a quick transient overcurrent condition can be
controlled and still allow the supply to return immediately to
normal operation. After reaching the hiccup delay discharge
voltage, the SS current is reduced to 5.0 μA and the ISET
foldback current is turned on at 15 μA. It is the ISET
foldback current that adjusts the ISET level to establish a
new lower ISENSE current limit level. See Figure 6 for
details.
Figure 5. The Block Diagram of the Soft
Hiccup Operation
SS low
CLK
OC
SS
+
+
−
−
One Shot
N00C
Reset
Peak COMP
2.9 V
Trig
OC Latch
Delay COMP
2.8 V
SS
Discharge
ON
S
R
Foldback
Q
A circuit monitors the OC pulses. If the OC pulses cease
for 50 μs, the NOt−OverCurrent (NOOC) signal is
generated. This NOOC signal resets the OC Latch and
allows the SS capacitor to charge back up allowing the
output to reestablish regulation.
For an equivalent circuit shown in Figure 6, the ISET
current reduces the overcurrent threshold and sets the new
threshold at
VI(SET) + (3.3 * ISET
R1)
R2
(R1 ) R2)
VREF
ISET Pin
R1
R2
ISET
Figure 6. The Voltage Divider Used at the ISET
Pin Allows the ISET Foldback Current to
Reduce the Overcurrent Threshold
The NOOC or SS low (VSS < 0.3 V) signal can reset OC
latch at any time. This event turns off ISET foldback and
allows the recharging of the SS capacitor. Therefore, the IC
allows the power supply to restart periodically or after the
overcurrent condition is cleared. The OC latch can not be set
until the SS capacitor is fully charged.
To implement “hard hiccup” which disables the VO
completely when the SS voltage is ramping down, select a
resistor value greater than 3.3 V/ISET for R1 in Figure 6, and
saturate the internal ISET current source. Since the saturation
voltage is less than the DC shift applied to the ISENSE signal,
the OC comparator output is always high and in turn keeps
the VO low. Figure 7 demonstrates the interactions among
the voltage of SS, ISET and internal signal OC. Figure 8
further describes the specifications associated with the soft
hiccup. The ratio among the charge time, delay time and
discharge time is given at the bottom of Figure 8.
SS
ISET
OC
50μs
2.9 V
2.8 V
0.3 V
Figure 7. Illustrative Waveforms of the
Soft Hiccup Operation
Charge Voltage
Charge
Current
Figure 8. The SS Pin Voltage Under Ramp
Up and Overcurrent Condition and
Associated Specifications.
26
Discharge Voltage
OC Delay
Dischage
Current
Dischage
Current
1
250
Hiccup Delay
Discharge Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com