Electronic Components Datasheet Search
  English  ▼

X  

ADM202EARUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM202EARUZ
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202EARUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM202EARUZ Datasheet HTML 3Page - Analog Devices ADM202EARUZ Datasheet HTML 4Page - Analog Devices ADM202EARUZ Datasheet HTML 5Page - Analog Devices ADM202EARUZ Datasheet HTML 6Page - Analog Devices ADM202EARUZ Datasheet HTML 7Page - Analog Devices ADM202EARUZ Datasheet HTML 8Page - Analog Devices ADM202EARUZ Datasheet HTML 9Page - Analog Devices ADM202EARUZ Datasheet HTML 10Page - Analog Devices ADM202EARUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 7 of 16
ESD/EFT TRANSIENT PROTECTION SCHEME
The ADM202E/ADM1181A use protective clamping structures
on all inputs and outputs to clamp the voltage to a safe level and
dissipate the energy present in electrostatic (ESD) and electrical
fast transients (EFT) discharges. A simplified schematic of the
protection structure is shown in Figure 8 and Figure 9. Each
input and output contains two back-to-back high speed
clamping diodes. During normal operation with maximum
RS-232 signal levels, the diodes have no effect because one or
the other is reverse biased depending on the polarity of the signal.
However, if the voltage exceeds about 50 V in either direction,
reverse breakdown occurs and the voltage is clamped at this level.
The diodes are large p-n junctions that are designed to handle
instantaneous current surges that exceed several amperes.
The transmitter outputs and receiver inputs have a similar
protection structure. The receiver inputs can dissipate some of
the energy through the internal 5 kΩ resistor to GND, as well as
through the protection diodes.
The protection structure achieves ESD protection up to ±15 kV
and EFT protection up to ±2 kV on all RS-232 I/O lines. The
methods used to test the protection scheme are discussed in the
ESD Testing (IEC1000-4-2) and Fast Transient/Burst Testing
(IEC1000-4-4) sections.
RIN
RX
D1
D2
RECEIVER
INPUT
R1
Figure 8. Receiver Input Protection Scheme
RX
D1
D2
TRANSMITTER
OUTPUT
TOUT
Figure 9. Transmitter Output Protection Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com