Electronic Components Datasheet Search
  English  ▼

X  

ADM202EARUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM202EARUZ
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202EARUZ Datasheet(HTML) 3 Page - Analog Devices

  ADM202EARUZ Datasheet HTML 1Page - Analog Devices ADM202EARUZ Datasheet HTML 2Page - Analog Devices ADM202EARUZ Datasheet HTML 3Page - Analog Devices ADM202EARUZ Datasheet HTML 4Page - Analog Devices ADM202EARUZ Datasheet HTML 5Page - Analog Devices ADM202EARUZ Datasheet HTML 6Page - Analog Devices ADM202EARUZ Datasheet HTML 7Page - Analog Devices ADM202EARUZ Datasheet HTML 8Page - Analog Devices ADM202EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 3 of 16
SPECIFICATIONS
VCC = 5.0 V ± 10%, C1 to C4 = 0.1 µF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
Operating Voltage Range
4.5
5.0
5.5
V
VCC Power Supply Current
2.5
6.0
mA
No load
13
18
mA
RL = 3 kΩ to GND
LOGIC
Input Logic Threshold Low, VINL
0.8
V
TIN
Input Logic Threshold High, VINH
2.4
V
TIN
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 3.2 mA
CMOS Output Voltage High, VOH
3.5
V
IOUT = −1 mA
Logic Pull-Up Current
+12
±25
µA
TIN = 0 V
RS-232 RECEIVER
EIA-232 Input Voltage Range
−30
+30
V
EIA-232 Input Threshold Low
0.4
1.2
V
EIA-232 Input Threshold High
1.6
2.4
V
EIA-232 Input Hysteresis
0.65
V
EIA-232 Input Resistance
3
5
7
kΩ
TA = 0°C to 85°C
RS-232 TRANSMITTER
Output Voltage Swing
±5.0
±9.0
V
All transmitter outputs loaded with 3 kΩ to
ground
Transmitter Output Resistance
300
Ω
VCC = 0 V, VOUT = ±2 V
RS-232 Output Short-Circuit Current
±10
±60
mA
TIMING CHARACTERISTICS
Maximum Data Rate
230
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF
Receiver Propagation Delay
TPHL
0.1
1
µs
TPLH
0.3
1
µs
Transmitter Propagation Delay
1.0
1.5
µs
RL = 3 kΩ, CL = 1000 pF
Transition Region Slew Rate
3
8
30
V/µs
RL = 3 kΩ, CL = 1000 pF
Measured from +3 V to −3 V, or −3 V to +3 V
EM IMMUNITY
ESD Protection (I/O Pins)
±15
kV
Human body model
±15
kV
IEC1000-4-2 air discharge
±8 kV
kV
IEC1000-4-2 contact discharge
EFT Protection (I/O Pins)
±2
kV
IEC1000-4-4
EMI Immunity
10
V/m
IEC1000-4-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com