Electronic Components Datasheet Search
  English  ▼

X  

SLG74190 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG74190
Description  1 to 19 Differential Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG74190 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG74190 Datasheet HTML 9Page - Renesas Technology Corp SLG74190 Datasheet HTML 10Page - Renesas Technology Corp SLG74190 Datasheet HTML 11Page - Renesas Technology Corp SLG74190 Datasheet HTML 12Page - Renesas Technology Corp SLG74190 Datasheet HTML 13Page - Renesas Technology Corp SLG74190 Datasheet HTML 14Page - Renesas Technology Corp SLG74190 Datasheet HTML 15Page - Renesas Technology Corp SLG74190 Datasheet HTML 16Page - Renesas Technology Corp SLG74190 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
000-0074190-10
3
Page 13 of 21
SLG74190
NOTES:
1. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLK#
2. Measure taken from differential waveform on a component test board. The edge (slew) rate is measured from -150mV to +150mV on the differential waveform .
Scope is set to average because the scope sample clock is making most of the dynamic wiggles along the clock edge Only valid for Rising clock and Falling Clock#.
Signal must be monotonic through the Vol to Voh region for Trise and Tfall
3. This measurement refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing
4. Test configuration is Rs=33.2 O, Rp=49.9, 2 pF
5. The average period over any 1 µs period of time must be greater than the minimum and less than the maximum specified period
6. Vcross(rel) Min and Max are derived using the following, Vcross(rel) Min = 0.250 + 0.5 (Vhavg - 0.700), Vcross(rel) Max = 0.550 - 0.5 (0.700 – Vhavg), (see Figure
3-4 for further clarification)
7. Measurement taken from Single Ended waveform
8. Measurement taken from differential waveform
9. Unless otherwise noted, all specifications in this table apply to all processor frequencies
10. VHigh is defined as the statistical average High value as obtained by using the Oscilloscope VHigh Math function
11. VLow is defined as the statistical average Low value as obtained by using the Oscilloscope VLow Math function
12. Overshoot is defined as the absolute value of the maximum voltage
13. Undershoot is defined as the absolute value of the minimum voltage
14. The crossing point must meet the absolute and relative crossing point specifications simultaneously
15.
ΔVcross is defined as the total variation of all crossing voltages of Rising CLOCK and Falling CLOCK#. This is the maximum allowed variance in Vcross for any
particular system
16. Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are 100,000,000 Hz, 133,333,333 Hz
17. Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are 99,750,00 Hz, 133,000,000 Hz
18. Measured with oscilloscope, averaging off, using min max statistics. Variation is the delta between min and max.
19. Measured with oscilloscope, averaging on, The difference between the rising edge rate (average) of clock verses the falling edge rate (average) of clock#
20. Measured with device in PLL mode, in BYPASS mode jitter is additive
21. Rise/Fall matching is derived using the following, 2*(Trise – Tfall) / (Trise + Tfall)
22. This is the time from the valid CLK_IN input clocks and the assertion of the PWRGD signal level at 1.8V – 2.0V to the time that stable clocks are output from the
buffer chip (PLL locked)
Differential Outputs Timing Characteristics (Non-SSC Clock Input, DIF, 100MHz, 133MHz)
Symbol
Description
Min.
Max.
Unit
Notes
Tstab
Clock Stabilization Tiime
1.8
ms
22
Laccuracy
Long Accuracy
100
ppm
4, 8, 16
Tabsmin
Absolute Minimum Host CLK Period
-2.5%
ns
4, 5, 8
Edge_rate
Edge Rate
1.0
4.0
ns
2, 4, 8
ΔTrise
Rise time variation
125
ps
4, 7, 18
ΔTfall
Fall time variation
125
ps
4, 7, 18
Rice/Fall
Matching
20%
4, 7, 19, 21
VHigh
Voltage High (typ 0.70V)
660
850
mV
4, 7, 10
VLow
Voltage Low (typ 0.0V)
-150
mV
4, 7, 11
Vcross Abs
Absolute Crossing Point Voltage
250
550
mV
1, 3, 4, 7, 14
Vcross rel
Relative Crossing Point Voltage
Calc
Calc
mV
4, 6, 7, 14
Total
Δ
Vcross
Total Variation of Vcross Over all Edges
140
mV
4, 7, 15
Tccjitter
Cycle to Cycle Jitter
50
ps
4, 8, 20
Duty Cycle
Duty Cycle
45
55
%
4, 8
Vovs
Maximum Voltage (Overshoot)
Vhigh+0.3V
4, 7, 12
Vuds
Maximum Voltage (Undershoot)
Vlow-0.3V
4, 7, 13
Vrb
Ringback Voltage
±0.2
N/A
V
4, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com