Electronic Components Datasheet Search
  English  ▼

X  

SLG74190 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG74190
Description  1 to 19 Differential Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG74190 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG74190 Datasheet HTML 1Page - Renesas Technology Corp SLG74190 Datasheet HTML 2Page - Renesas Technology Corp SLG74190 Datasheet HTML 3Page - Renesas Technology Corp SLG74190 Datasheet HTML 4Page - Renesas Technology Corp SLG74190 Datasheet HTML 5Page - Renesas Technology Corp SLG74190 Datasheet HTML 6Page - Renesas Technology Corp SLG74190 Datasheet HTML 7Page - Renesas Technology Corp SLG74190 Datasheet HTML 8Page - Renesas Technology Corp SLG74190 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
000-0074190-10
3
Page 2 of 21
SLG74190
Pin Description
Pin #
Name
Type
Description
1
VDDA
PWR
3.3V Power supply for PLL
2
GNDA
GND
Ground for PLL
3
IREF
I
A precision resistor is attached to this pin to set the differential output current.
Use 475
Ω , 1% for 100Ω trace.
Use 412
Ω, 1% for 85Ω trace.
4
100M_133M#
I
3.3V tolerant input for input/output frequency selection. An external pull-up or
pull-down resistor is attached to this pin to select the input/output frequency.
Contains internal weak pull-up 100k
Ω resistor.
High = 100MHz output.
Low = 133MHz output.
5
HBW_BYPASS_LBW#
I
Tri-Level input for selecting the PLL bandwidth or bypass mode (refer to trilevel
threshold table).
High = High BW mode
Med = Bypass mode
Low = Low BW mode
6
PWRGD/PWRDN#
I
3.3 V LVTTL input to power up or power down the device.
7
GND
GND
Ground for outputs.
8
VDD
PWR
3.3V power supply for outputs.
9
CLK_IN
I
0.7V Differential Input.
10
CLK_IN#
I
0.7V Differential Input.
11
SA_0
I
3.3 V LVTTL input selecting the address. Tri-level input (refer to tri-level thresh-
old table).
12
SDA
I/O, SE
Open collector SMBus data.
13
SCL
I
SMBus slave clock input.
14
SA_1
I
3.3 V LVTTL input selecting the address. Tri-level input (refer to tri-level thresh-
old table).
15
FB_IN
I
External Feedback input.
16
FB_IN#
I
External Feedback input. Complement.
17
FB_OUT#
O, DIF
External Feedback output.
18
FB_OUT
O, DIF
External Feedback output. Complement.
19
DIF_0
O, DIF
0.7V Differential clock output.
20
DIF_0#
O, DIF
0.7V Differential clock output.
21
VDD
PWR
3.3V power supply for outputs.
22
DIF_1
O, DIF
0.7V Differential clock output.
23
DIF_1#
O, DIF
0.7V Differential clock output.
24
DIF_2
O, DIF
0.7V Differential clock output.
25
DIF_2#
O, DIF
0.7V Differential clock output.
26
GND
GND
Ground for outputs.
27
DIF_3
O, DIF
0.7V Differential clock output.
28
DIF_3#
O, DIF
0.7V Differential clock output.
29
DIF_4
O, DIF
0.7V Differential clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com