Electronic Components Datasheet Search
  English  ▼

X  

SLG84901 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG84901
Description  Clock Synthesizer for Intel PCI-Express Gen3 Chipset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG84901 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG84901 Datasheet HTML 9Page - Renesas Technology Corp SLG84901 Datasheet HTML 10Page - Renesas Technology Corp SLG84901 Datasheet HTML 11Page - Renesas Technology Corp SLG84901 Datasheet HTML 12Page - Renesas Technology Corp SLG84901 Datasheet HTML 13Page - Renesas Technology Corp SLG84901 Datasheet HTML 14Page - Renesas Technology Corp SLG84901 Datasheet HTML 15Page - Renesas Technology Corp SLG84901 Datasheet HTML 16Page - Renesas Technology Corp SLG84901 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
000-0084901-10
1
Page 13 of 21
SLG84901
AC Electrical Characteristics
Differential Outputs (CPU, SRC, DOT_96) Timing Characteristics
Symbol
Description
Min.
Max.
Unit
Conditions
Laccurracy
Long term accuracy
100
ppm
Using frequency counter with the measure-
ment interval equal or greater than 0.15 sec-
ond
Tperiod
Average CPU Period (100MHz, SSC enabled)
9.99906
10.05107
ns
Average period over 1 us
Tperiod
Average CPU Period (133MHz, SSC enabled)
7.44930
7.53830
ns
Average period over 1 us
Tperiod
Average SRC Period (100MHz, SSC enabled)
9.99906
10.05107
ns
Average period over 1 us
Tperiod
Average DOT_96 Period (96MHz)
10.41354
10.41979
ns
Average period over 1 us
Tabs
Absolute Min/Max CPU Period (100, SSC disabled)
9.94900
10.05100
ns
Tabs
Absolute Min/Max CPU Period (133, SSC disabled)
7.44925
7.55075
ns
Tabs
Absolute Min/Max CPU Period (100, SSC enabled)
9.94906
10.10107
ns
Tabs
Absolute Min/Max CPU Period (133, SSC enabled)
7.44930
7.58830
ns
Tabs
Absolute Min/Max SRC Period (100, SSC disabled)
9.94900
10.05100
ns
Tabs
Absolute Min/Max SRC Period (100, SSC enabled)
9.94906
10.10107
ns
Tabs
Absolute Min/Max NS_SRC Period (SSC enabled)
9.94900
10.05100
ns
Tabs
Absolute Min/Max NS_SAS Period (SSC disabled)
9.94900
10.05100
ns
Tabs
Absolute Min/Max DOT_96 Period (96MHz)
10.16563
10.66771
ns
Slew_rise
Rising slew rate
1.0
4.0
V/ns
1. Use ‘average’ acquisition mode of the scope
2. Measurement taken from differential wave-
form
3. Slew rate measured through V_swing volt-
age range centered about differential zero
Slew_fall
Falling slew rate
1.0
4.0
V/ns
1. Use ‘average’ acquisition mode of the scope
2. Measurement taken from differential wave-
form
3. Slew rate measured through V_swing volt-
age range centered about differential zero
Slew_var
Slew rate matching
20
%
1. Use ‘average’ acquisition mode of the scope
2. Measurement taken from single ended
waveform
3. Matching applies to rising edge rate for
Clock and falling edge rate for Clock#. It is
measured using a +/-75mV window centered
on the average cross point where Clock rising
meets Clock# falling. The median cross point
is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calcu-
lation
V_swing
Differential output swing
300
mV
Measurement taken from differential wave-
form
V_cr
Crossing point voltage
250
550
mV
1. Measurement taken from single ended
waveform
2. V_cross is defined as the voltage where
Clock = Clock#
3. Only applies to the differential rising edge
(i.e. Clock rising and Clock# falling)
V_cr_dlt
Variation of V_cr
140
mV
1. Measurement taken from single ended
waveform
2. V_cross is defined as the voltage where
Clock = Clock#
3. V_cross delta is defined as the total varia-
tion of all crossing voltages of rising Clock and
falling Clock#
Tskew
CPU[0:3] skew
50
ps
Tccjitter
Cycle to Cycle Jitter (CPU)
50
ps
Tccjitter
Cycle to Cycle Jitter (SRC)
50
ps
Tccjitter
Cycle to Cycle Jitter (NS_SAS)
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com