Electronic Components Datasheet Search
  English  ▼

X  

SLG84901 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG84901
Description  Clock Synthesizer for Intel PCI-Express Gen3 Chipset
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG84901 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG84901 Datasheet HTML 1Page - Renesas Technology Corp SLG84901 Datasheet HTML 2Page - Renesas Technology Corp SLG84901 Datasheet HTML 3Page - Renesas Technology Corp SLG84901 Datasheet HTML 4Page - Renesas Technology Corp SLG84901 Datasheet HTML 5Page - Renesas Technology Corp SLG84901 Datasheet HTML 6Page - Renesas Technology Corp SLG84901 Datasheet HTML 7Page - Renesas Technology Corp SLG84901 Datasheet HTML 8Page - Renesas Technology Corp SLG84901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
000-0084901-10
1
Page 2 of 21
SLG84901
Pin Description
Pin #
Name
Type
Description
1
SCL
I
Serial Interface bus clock input.
2
GNDA_14
GND
Ground for outputs.
3
VDDA_14
PWR
3.3V power supply for outputs.
4
VDD_14
PWR
3.3V power supply for outputs.
5
REF/TEST_SEL
I/O, SE
14.318MHz reference clock output.
When TEST_SEL input is pulled to 3.3V during CKPWRGD# assertion, the
device will configure into TEST MODE. Refer to DC Parameters section for FS
input voltage threshold. After CKPWRGD assertion, this pin will be configured
as REF output.
6
GND_14
GND
Ground for outputs.
7
GND_XTAL
GND
Ground for outputs.
8
X1_25
I
25MHz crystal input.
9
X2_25
O, SE
25MHz crystal output.
10
VDD_XTAL
PWR
3.3V power supply for outputs.
11
GND_PCI
GND
Ground for outputs.
12
VDD_PCI
PWR
3.3V power supply for outputs.
13
PCI_4
O, DIF
PCI clock output.
14
PCI_3
O, DIF
PCI clock output.
15
PCI_2
O, DIF
PCI clock output.
16
PCI_1
O, DIF
PCI clock output.
17
PCI_0
O, DIF
PCI clock output.
18
GND_PCI
GND
Ground for outputs.
19
VDD_PCI
PWR
3.3V power supply for outputs.
20
VDD_48
PWR
3.3V power supply for outputs.
21
USB_48/100M_133M#
I/O, SE
USB clock output.
CPU Frequency Select, latched input.
22
GND
GND
Ground for outputs.
23
GND_96
GND
Ground for outputs.
24
DOT_96
O, DIF
96 MHz DOT clock output.
25
DOT_96#
O, DIF
96 MHz DOT clock output.
26
VDDA_96
PWR
3.3V power supply for outputs.
27
TEST_MODE
I
When in test mode, TEST_MODE will configure outputs to run at REF or Hi-Z.
0 = Hi-Z, 1 = REF
28
PWRGD#/PD
I
CKPWRGD is a 3.3V LVTTL iput. It acts as a level sensitive strobe to latch the
FS pins and other multiplexed inputs. After CKPWRGD assertion, it becomes
a real time input for asserting power down (active high).
29
VDD_SRC
PWR
3.3V power supply for outputs.
30
SRC_0
O, DIF
Differential Serial Reference Clock output.
31
SRC_0#
O, DIF
Differential Serial Reference Clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com