Electronic Components Datasheet Search
  English  ▼

X  

ADN2813 Datasheet(PDF) 15 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 11Page - Analog Devices ADN2813 Datasheet HTML 12Page - Analog Devices ADN2813 Datasheet HTML 13Page - Analog Devices ADN2813 Datasheet HTML 14Page - Analog Devices ADN2813 Datasheet HTML 15Page - Analog Devices ADN2813 Datasheet HTML 16Page - Analog Devices ADN2813 Datasheet HTML 17Page - Analog Devices ADN2813 Datasheet HTML 18Page - Analog Devices ADN2813 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADN2813
Rev. 0 | Page 15 of 28
At medium jitter frequencies, the gain and tuning range of the
VCO are not large enough to track input jitter. In this case, the
VCO control voltage becomes large and saturates, and the VCO
frequency dwells at one extreme of its tuning range or at the
other. The size of the VCO tuning range, therefore, has only a
small effect on the jitter accommodation. The delay-locked loop
control voltage is now larger, and therefore the phase shifter
takes on the burden of tracking the input jitter. The phase
shifter range, in UI, can be seen as a broad plateau on the jitter
tolerance curve. The phase shifter has a minimum range of 2 UI
at all data rates.
The gain of the loop integrator is small for high jitter
frequencies; therefore, larger phase differences are needed to
make the loop control voltage large enough to tune the range of
the phase shifter. Large phase errors at high jitter frequencies
cannot be tolerated. In this region, the gain of the integrator
determines the jitter accommodation. Because the gain of the
loop integrator declines linearly with frequency, jitter accom-
modation is lower with higher jitter frequency. At the highest
frequencies, the loop gain is very small, and little tuning of the
phase shifter can be expected. In this case, jitter accommodation is
determined by the eye opening of the input data, the static
phase error, and the residual loop jitter generation. The jitter
accommodation is roughly 0.5 UI in this region. The corner
frequency between the declining slope and the flat region is
the closed loop bandwidth of the delay-locked loop, which is
roughly 1.5 MHz at 1.25 Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com