Electronic Components Datasheet Search
  English  ▼

X  

ADN2813 Datasheet(PDF) 20 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 16Page - Analog Devices ADN2813 Datasheet HTML 17Page - Analog Devices ADN2813 Datasheet HTML 18Page - Analog Devices ADN2813 Datasheet HTML 19Page - Analog Devices ADN2813 Datasheet HTML 20Page - Analog Devices ADN2813 Datasheet HTML 21Page - Analog Devices ADN2813 Datasheet HTML 22Page - Analog Devices ADN2813 Datasheet HTML 23Page - Analog Devices ADN2813 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADN2813
Rev. 0 | Page 20 of 28
For example, if the reference clock frequency is 32 MHz,
SEL_RATE = 1, since the CTRLA[7:6] setting is [01], because
the reference frequency falls into the 20 MHz to 40 MHz range.
Assume for this example that the input data rate is 1.25 Gb/s
(GbE). After following Step 1 through Step 4, the value that is
read back on FREQ[22:0] = 0x138800, which is equal to
1.28 × 106. Plugging this value into the equation yields
The reference clock can range from 10 MHz and 160 MHz.
The ADN2813 expects a reference clock between 10 MHz
and 20 MHz by default. If it is between 20 MHz and 40 MHz,
40 MHz and 80 MHz, or 80 MHz and 160 MHz, the user needs
to configure the ADN2813 to use the correct reference
frequency range by setting two bits of the CTRLA register,
CTRLA[7:6]. Using the reference clock to determine the
frequency of the incoming data does not affect the manner in
which the part locks onto data. In this mode, the reference clock
is used only to determine the frequency of the data. For this
reason, the user does not need to know the data rate to use the
reference clock in this manner.
128e6 × 32e6/2(14 + 1) = 1.25 Gb/s
If subsequent frequency measurements are required, CTRLA[1]
should remain set to 1. It does not need to be reset. The
measurement process is reset by writing a 1 followed by a 0 to
CTRLB[3]. This initiates a new data rate measurement. Follow
Step 2 through Step 4 to read back the new data rate.
Prior to reading back the data rate using the reference clock, the
CTRLA[7:6] bits must be set to the appropriate frequency range
with respect to the reference clock being used. A fine data rate
readback is then executed as follows:
Note that a data rate readback is valid only if LOL is low. If LOL
is high, the data rate readback is invalid.
Additional Features Available via the I2C Interface
Coarse Data Rate Readback
1. Write a 1 to CTRLA[1]. This enables the fine data rate
measurement capability of the ADN2813. This bit is level
sensitive and does not need to be reset to perform
subsequent frequency measurements.
The data rate can be read back over the I2C interface to
approximately ±10% without the need of an external reference
clock. A 9-bit register, COARSE_RD[8:0], can be read back
when LOL is deasserted. The eight MSBs of this register are the
contents of the RATE[7:0] register. The LSB of the
COARSE_RD register is Bit MISC[0].
2. Reset MISC[2] by writing a 1 followed by a 0 to CTRLB[3].
This initiates a new data rate measurement.
3. Read back MISC[2]. If it is 0, the measurement is not
complete. If it is 1, the measurement is complete and the
data rate can be read back on FREQ[22:0]. The time for a
data rate measurement is typically 80 ms.
Table 13 provides coarse data rate readback to within ±10%.
LOS Configuration
The LOS detector output, Pin 22, can be configured to be either
active high or active low. If CTRLC[2] is set to Logic 0 (default),
the LOS pin is active high when a loss-of-signal condition is
detected. Writing a 1 to CTRLC[2] configures the LOS pin to be
active low when a loss-of-signal condition is detected.
4. Read back the data rate from FREQ2[6:0], FREQ1[7:0],
and FREQ0[7:0].
The data rate can be determined by
[]
()
)
_
(
/
..
RATE
SEL
REFCLK
DATARATE
f
FREQ
f
+
×
=
14
2
0
22
System Reset
where:
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to the I2C Register Bit CTRLB[5]. This initiates a new
frequency acquisition while keeping the ADN2813 in the
operating mode that it was previously programmed to in
Registers CTRL[A], CTRL[B], and CTRL[C].
FREQ[22:0] is the reading from FREQ2[6:0] MSByte,
FREQ1[7:0], and FREQ0[7:0] LSByte (see Table 12).
fDATARATE is the data rate (Mb/s).
fREFCLK is the REFCLK frequency (MHz).
SEL_RATE is the setting from CTRLA[7:6].
Table 12.
D22
D21...D17
D16
D15
D14...D9
D8
D7
D6...D1
D0
FREQ2[6:0]
FREQ1[7:0]
FREQ0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com