Electronic Components Datasheet Search
  English  ▼

X  

ADN2865 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN2865
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN2865 Datasheet HTML 19Page - Analog Devices ADN2865 Datasheet HTML 20Page - Analog Devices ADN2865 Datasheet HTML 21Page - Analog Devices ADN2865 Datasheet HTML 22Page - Analog Devices ADN2865 Datasheet HTML 23Page - Analog Devices ADN2865 Datasheet HTML 24Page - Analog Devices ADN2865 Datasheet HTML 25Page - Analog Devices ADN2865 Datasheet HTML 26Page - Analog Devices ADN2865 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Preliminary Technical Data
ADN2865
Rev. PrA | Page 23 of 33
the starting subaddress and each subsequent address without
manually addressing the subsequent subaddress. A data transfer
is always terminated by a stop condition. The user can also
access any unique subaddress register on a one-by-one basis
without updating all registers.
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions are asserted out of sequence
with normal read and write operations, then they cause an
immediate jump to the idle condition. During a given SCK high
period, the user should issue one start condition, one stop
condition, or a single stop condition followed by a single start
condition. If an invalid subaddress is issued by the user, the
ADN2865 does not issue an acknowledge and returns to the idle
condition. If the user exceeds the highest subaddress while
reading back in autoincrement mode, then the highest subad-
dress register contents continue to be output until the master
device issues a no-acknowledge. This indicates the end of a
read. In a no-acknowledge condition, the SDATA line is not
pulled low on the ninth pulse. See Figure and Figure for
sample read and write data transfers and Figure 12 for a more
detailed timing diagram.
REFERENCE CLOCK (OPTIONAL)
A reference clock is not required to perform clock and data
recovery with the ADN2865. However, support for an optional
reference clock is provided. The reference clock can be driven
differentially or single-ended. If the reference clock is not being
used, then REFCLKP should be tied to VCC, and REFCLKN
can be left floating or tied to VEE (the inputs are internally
terminated to VCC/2). See Figure through Figure for sample
configurations.
The REFCLK input buffer accepts any differential signal with a
peak-to-peak differential amplitude of greater than 100 mV (for
example, LVPECL or LVDS) or a standard single-ended low
voltage TTL input, providing maximum system flexibility.
Phase noise and duty cycle of the reference clock are not critical
and 100 ppm accuracy is sufficient.
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
10
11
Figure 24. Differential REFCLK Configuration
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
x
CLK
OSC
VCC
OUT
10
11
Figure 25. Single-Ended REFCLK Configuration
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
VCC
NC
10
11
Figure 26. No REFCLK Configuration
The two uses of the reference clock are mutually exclusive. The
reference clock can be used either as an acquisition aid for the
ADN2865 to lock onto data, or to measure the frequency of the
incoming data to within 0.01%. (There is the capability to
measure the data rate to approximately ±10% without the use of
a reference clock.) The modes are mutually exclusive, because,
in the first use, the user knows exactly what the data rate is and
wants to force the part to lock onto only that data rate; in the
second use, the user does not know what the data rate is and
wants to measure it.
Lock to reference mode is enabled by writing a 1 to I2C Register
Bit CTRLA[0]. Fine data rate readback mode is enabled by
writing a 1 to I2C Register Bit CTRLA[1]. Writing a 1 to both of
these bits at the same time causes an indeterminate state and is
not supported.
Using the Reference Clock to Lock onto Data
In this mode, the ADN2865 locks onto a frequency derived
from the reference clock according to the following equation:
Data Rate/2CTRLA[5:2] = REFCLK/2CTRLA[7:6]
The user must know exactly what the data rate is, and provide a
reference clock that is a function of this rate. The ADN2865 can
still be used as a continuous rate device in this configuration,
provided that the user has the ability to provide a reference
clock that has a variable frequency (see Application Note
AN-632).
The reference clock can be anywhere between 12.3 MHz and
200 MHz. By default, the ADN2865 expects a reference clock of
between 12.3 MHz and 25 MHz. If it is between 25 MHz and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com