Electronic Components Datasheet Search
  English  ▼

X  

ADN2865 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2865
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2865 Datasheet(HTML) 3 Page - Analog Devices

  ADN2865 Datasheet HTML 1Page - Analog Devices ADN2865 Datasheet HTML 2Page - Analog Devices ADN2865 Datasheet HTML 3Page - Analog Devices ADN2865 Datasheet HTML 4Page - Analog Devices ADN2865 Datasheet HTML 5Page - Analog Devices ADN2865 Datasheet HTML 6Page - Analog Devices ADN2865 Datasheet HTML 7Page - Analog Devices ADN2865 Datasheet HTML 8Page - Analog Devices ADN2865 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Preliminary Technical Data
ADN2865
Rev. PrA | Page 3 of 33
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, Input Data Pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN – NIN
2.0
V
Input Common Mode Level
DC-coupled (see Figure , Figure , and
Figure )
2.3
2.5
2.8
V
Differential Input Sensitivity
223 − 1 PRBS, ac-coupled,1 BER = 1 x 10–10
TBD
TBD
mV p-p
Input Overdrive
(see Figure )
TBD
TBD
mV p-p
Input Offset
TBD
μV
Input RMS Noise
BER = 1 x 10–10
TBD
μV rms
QUANTIZER—AC CHARACTERISTICS
Data Rate
12.3
2700
Mb/s
S11
@ 2.5 GHz
−15
dB
Input Resistance
Differential
100
Ω
Input Capacitance
0.65
pF
QUANTIZER—SLICE ADJUSTMENT
Gain
SLICEP – SLICEN = ±0.5 V
TBD
0.1
TBD
V/V
Differential Control Voltage Input
SLICEP – SLICEN
TBD
V
Control Voltage Range
DC level @ SLICEP or SLICEN
VEE
0.95
V
Slice Threshold Offset
1
mV
LOSS OF SIGNAL DETECT (LOS)
Loss of Signal Detect Range (see Figure 2)
RThresh = 0 Ω
TBD
TBD
mV
RThresh = 100 kΩ
TBD
TBD
mV
Hysteresis (Electrical)
OC-48
RThresh = 0 Ω
TBD
TBD
dB
RThresh = 100 kΩ
TBD
TBD
dB
OC-1
RThresh = 0 Ω
TBD
TBD
dB
RThresh = 10 kΩ
TBD
TBD
dB
LOS Assert Time
DC-coupled2
TBD
ns
LOS De-Assert Time
DC-coupled2
TBD
ns
LOSS OF LOCK DETECT (LOL)
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL De-Assert
With respect to nominal
250
ppm
LOL Response Time
12.3 Mb/s
4
ms
OC-12
1.0
μs
OC-48
1.0
μs
ACQUISITION TIME
Lock to Data Mode
OC-48
1.3
ms
OC-12
2.0
ms
OC-3
3.4
ms
OC-1
9.8
ms
12.3 Mb/s
40.0
ms
Optional Lock to REFCLK Mode
10.0
ms
1 PIN and NIN should be differentially driven and ac-coupled for optimum sensitivity.
2 When ac-coupled, the LOS assert and de-assert time is dominated by the RC time constant of the ac coupling capacitor and the 50 Ω input termination of the
ADN2865 input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com