Electronic Components Datasheet Search
  English  ▼

X  

BS170 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BS170
Description  N-channel vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS170 Datasheet(HTML) 2 Page - NXP Semiconductors

  BS170 Datasheet HTML 1Page - NXP Semiconductors BS170 Datasheet HTML 2Page - NXP Semiconductors BS170 Datasheet HTML 3Page - NXP Semiconductors BS170 Datasheet HTML 4Page - NXP Semiconductors BS170 Datasheet HTML 5Page - NXP Semiconductors BS170 Datasheet HTML 6Page - NXP Semiconductors BS170 Datasheet HTML 7Page - NXP Semiconductors BS170 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
BS170
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in TO-92
variant envelope and intended for use
in relay, high-speed and
line-transformer drivers.
FEATURES
• Very low R
DS(on).
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching.
• No secondary breakdown.
PINNING - TO-92 VARIANT
1 = source
2 = gate
3 = drain
QUICK REFERENCE DATA
Drain-source voltage
VDS
max.
60 V
Gate-source voltage
VGS
max.
15 V
Drain current (DC)
ID
max.
500 mA
Total power dissipation up to Tamb =25 °CPtot
max.
830 mW
Junction temperature
Tj
max.
150
°C
Drain-source ON-resistance
VGS = 10 V; ID = 200 mA
RDS(on)
max.
5
Ω
PIN CONFIGURATION
Fig.1 Simplified outline and symbol.
Note: Various pin configurations available.
handbook, halfpage
1
3
2
MAM146
s
d
g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com