Electronic Components Datasheet Search
  English  ▼

X  

BS170 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BS170
Description  N-channel vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BS170 Datasheet(HTML) 3 Page - NXP Semiconductors

  BS170 Datasheet HTML 1Page - NXP Semiconductors BS170 Datasheet HTML 2Page - NXP Semiconductors BS170 Datasheet HTML 3Page - NXP Semiconductors BS170 Datasheet HTML 4Page - NXP Semiconductors BS170 Datasheet HTML 5Page - NXP Semiconductors BS170 Datasheet HTML 6Page - NXP Semiconductors BS170 Datasheet HTML 7Page - NXP Semiconductors BS170 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
BS170
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
VDS
max.
60 V
Drain-gate voltage
VDG
max.
60 V
Gate-source voltage
VGS
max.
15 V
Drain current (DC) at Tc = 25 °CID
max.
500 mA
Total power dissipation up to Tamb = 25 °CPtot
max.
830 mW
Storage temperature range
Tstg
−55 to +150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient
Rth j-a
=
150 K/W
Drain-source breakdown voltage
min.
typ.
60
90
V
V
VGS = 0; ID = 100 µAV(BR)DS
Gate threshold voltage
min.
max.
0.8
3.0
V
V
VGS = VDS;ID = 1 mA
VGS(th)
Gate-source leakage current
VGS = 15 V; VDS =0
IGSoff
max.
10 nA
Drain cut-off current
VDS = 25 V; VGS =0
IDSS
max.
0.5
µA
Drain-source ON-resistance (note 1)
typ.
max.
2.5
5.0
Ω
Ω
VGS = 10 V; ID = 200 mA
RDS(on)
Forward transconductance (note 1)
VDS = 10 V; ID = 200 mA; f = 1 kHz
gfs
typ.
200 mS
Capacitances at f = 1 MHz
typ.
max.
25
40
pF
pF
VDS = 10 V; VGS =0
Ciss
Cos
typ.
max.
22
30
pF
pF
Crs
typ.
max.
6
10
pF
pF
Switching times at ID = 200 mA
typ.
max.
4
10
ns
ns
ID = 200 mA; VDS = 50 V;
ton
VGS = 0 to 10 V
toff
typ.
max.
4
10
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com