Electronic Components Datasheet Search
  English  ▼

X  

1408624 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1408624
Description  NBC-MRD-MRD SCO-PN/.../... - Network cable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408624 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 1408624 Datasheet HTML 5Page - PHOENIX CONTACT 1408624 Datasheet HTML 6Page - PHOENIX CONTACT 1408624 Datasheet HTML 7Page - PHOENIX CONTACT 1408624 Datasheet HTML 8Page - PHOENIX CONTACT 1408624 Datasheet HTML 9Page - PHOENIX CONTACT 1408624 Datasheet HTML 10Page - PHOENIX CONTACT 1408624 Datasheet HTML 11Page - PHOENIX CONTACT 1408624 Datasheet HTML 12Page - PHOENIX CONTACT 1408624 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Coupling resistance
200.00 mΩ/m (f ≤ 30 MHz)
Wave impedance
100 Ω ±5 Ω (f = 100 MHz)
≤ 65 pF (core-core)
Working capacitance
≤ 100 pF (core-shield)
Signal speed
75 c
Minimum bending radius, fixed installation
6 x D
2 dB (with 1 MHz)
4.4 dB (at 4 МHz)
7.4 dB (at 10 MHz)
14 dB (at 31.5 МHz)
20 dB (at 62.5 МHz)
Damping
26 dB (at 100 MHz)
78 dB (with 1 MHz)
77 dB (at 4 МHz)
70 dB (at 10 MHz)
65 dB (at 31.5 МHz)
56 dB (at 62.5 МHz)
Remote crosstalk attenuation (FEXT)
48 dB (at 100 MHz)
73 dB (with 1 MHz)
70 dB (at 4 МHz)
65 dB (at 10 MHz)
57 dB (at 31.5 МHz)
52 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
48 dB (at 100 MHz)
25 dB (at 4 МHz)
30 dB (at 10 MHz)
30 dB (at 31.5 МHz)
30 dB (at 62.5 МHz)
Return loss (RL)
28 dB (at 100 MHz)
Shield attenuation
40 dB (30 MHz ≤ f ≤ 100 MHz)
BS 6853 (Category Ia, Ib, II)
GM/RT 2130 (Category Ia, Ib, II)
EN 45545 (Risk level HL1 - HL3)
DIN 5510 (Fire protection level 1, 2, 3, 4)
NF F16-101 (Category A1, A2, B)
NF F16-101 (Class C/F0)
NFPA 130
Fire protection in rail vehicles
UNI CEI 11170 (Risk level LR1 - LR4)
Halogen-free
in accordance with EN 50267-2-1
Resistance to oil
according to IRM 902, 72 h at 100 °C
BS 6853 D.8.7
EN 61034-2
Concentration of fumes
UL 1685, 12 (FT4)
BS 6853 B.1
Fume toxicity
NBC-MRD-MRD SCO-PN/.../... - Network cable
1408624
https://www.phoenixcontact.com/us/products/1408624
Jul 11, 2023, 4:44 AM
Page 9 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com